Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFD Datasheet(PDF) 2 Page - Logic Fruit Technologies

Part # SMFD
Description  Smart Multi-Functional Display (SMFD)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LFTECH [Logic Fruit Technologies]
Direct Link  https://www.logic-fruit.com/
Logo LFTECH - Logic Fruit Technologies

SMFD Datasheet(HTML) 2 Page - Logic Fruit Technologies

  SMFD Datasheet HTML 1Page - Logic Fruit Technologies SMFD Datasheet HTML 2Page - Logic Fruit Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
806, 8th Floor BPTP
Park Centra Sector–30,
NH–8 Gurgaon – 122001
Haryana (India)
+91-0124 4643950
+1-408 718 9782
info@logic-fruit.com
us@logic-fruit.com
Interfaces
ARINC 818 Interfaces
1 input & 1 output copper
channel with 2x link speed.
1 input & 1 output fiber
channel with 4x link speed.
ARINC 429
Interfaces
16 Channel receiver
18 Channel transmitter
Mil-Std 1553B
Interface
Dual redundant
Serial Communication
Interface
RS 422, RS232
ARINC 664/ AFDX
Interface
Available on Request
Discrete Input 1
Discrete Signal Interfaces
Day/Night Selection
Discrete Input 2
Copper / Optical Fibre Channel
Selection for Video Input
Discrete Input 3
Copper / Optical Fibre Channel
Selection for Video Output
Discrete Output
SMFD Status (SMFD_OK)
Optical
Panel Type
Color Active Matrix LCD
Backlight
LED
Display Area
12”x9”
(304.8mm x 228.6 mm)
Viewing Angles
Horizontal Angle: ± 60°
Vertical Angle: -35° to 55°
Resolution
1400 x 1050 pixels
Pixel configuration
RGB Vertical Strip
Number of Colors
262K colors
Brightness
(Day mode max.)
1200±120 cd/m2
Brightness
(Night mode max.)
6±0.6 cd/m2
Non uniformity
<25%
Refresh rate
60 Hz
Controls
Display mode
Day & Night Mode
(Selectable)
Brightness
Adjustable with Knob
Video Image contrast
Knob for level adjustment
Operating Mode
Init mode at power-on
Operational mode
Maintenance mode
Testing mode
Auto and Manual mode
Functional Keyboard
with Night light
Environmental
Operating Temperature
-20 °C to 35 °C
Relative Humidity
90%, non-condensing
Warm up time
(>15°C)
<30 seconds
Warm up time
(0°C to 15°C)
<45 seconds
Warm up time
(-20°C to 15°C)
<3 minutes
Smart Multi-Functional
Display (SMFD)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com