Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCLT-2AT4-TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # PCLT-2AT4-TR
Description  Dual current limited over-voltage protected digital termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PCLT-2AT4-TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PCLT-2AT4-TR Datasheet HTML 10Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 11Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 12Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 13Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 14Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 15Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 16Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 17Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
PCLT-2A
6 Unisolated ASI-interface bus application diagram
15/18
6.3
Un-isolated connection of the PCLT with AS-Interface
controller
To remove the opto-coupler the operation of the PCLT has been extended to fit the AS-Interface
application. A precaution is required on its interface with the bus controller: the impedance
between the two circuits must be high in order to maintain the impedance isolation.
To achieve this impedance isolation, the PCLT runs in CMOS mode (MOD=VCC) and the buffer
operation is extended up to VCC = 12 V. In the application, the VCC voltage is generated with a
Zener diode reference fed from the sensor bus.
Because of the buffer voltage increase, it becomes possible to insert high impedance between
the PCLT output and the AS-Interface bus controller input. Typically a 100k
Ω resistor is
designed while keeping a 5 V CMOS operation on the input of the bus controller.
Figure 14 shows the application diagram where the PCLT is connected to the slave bus
controller through a 100 k
Ω resistor. The logic signal is transmitted with a low level of less than
20% of the VDD supply voltage and a high level of at least 3.5 V defined by the PCLT output
buffer limiting its current to 35 µA minimum and the 100 k
Ω pull down resistor (0.035 mA times
100 k
Ω).
Figure 14. AS-Interface slave controller unit using the PCLT in an un-isolated manner.
10
12V
SLAVE AS-I
CONTROLLER
V
CC
28V
1
PCLT2
750
7
14
9
V
CCsensor
sensor
Vreg
ASiP
ASiN
30V
10
12V
SLAVE AS-I
CONTROLLER
V
CC
28V
1
PCLT2
750
Ω
7
14
9
V
CCsensor
sensor
Vreg
ASiP
ASiN
30V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com