Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCLT-2AT4-TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # PCLT-2AT4-TR
Description  Dual current limited over-voltage protected digital termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PCLT-2AT4-TR Datasheet(HTML) 5 Page - STMicroelectronics

  PCLT-2AT4-TR Datasheet HTML 1Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 2Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 3Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 4Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 5Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 6Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 7Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 8Page - STMicroelectronics PCLT-2AT4-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
PCLT-2A
1 Characteristics
5/18
1.6
Electromagnetic compatibility ratings
TJ=25 °C, RI = 750 Ω RC = 2.2 kΩ , & reverse diode connected (unless otherwise specified)
Note: 1 Test diagram described on Figure 1 using the application PCB with a normalized capacitive
coupling clamp
2 Test diagram described on Figure 1
1.7
Thermal resistance
Symbol
Node
Parameter name & conditions
Value
Unit
VESD
IN
VCC
ESD protection, IEC 61000-4-2, per input, in air
± 15
kV
ESD protection, IEC 61000-4-2, per input, in contact
± 8
kV
ESD protection, IEC 61000-4-2, per input, in air, RI = 0 Ω
± 3
kV
ESD protection, IEC 61000-4-2, per input, in contact, RI = 0 Ω
± 3
kV
VPPB
VI
Total Peak Pulse Voltage Burst, IEC61000-4-4
CC = 33 nF, CI = 22 nF, F = 5 kHz (Note 1)
± 4
kV
VPP
VI
Peak Pulse Voltage Surge, IEC61000-4-5, R = 42
Ω (Note 2)± 500
V
VPP
VI
Peak Pulse Voltage Surge, IEC61000-4-5, R = 42
Ω RI = 1200 Ω (Note 2)
± 1000
V
VPP
VCC
Peak Pulse Voltage Surge, IEC61000-4-5, R = 2
Ω (Note 2)
± 1000
V
Symbol
Parameter name & conditions
Value
Unit
RTH JA
Thermal resistance Junction to ambient
Board copper surface = 1.25 cm², copper thickness = 35 µm, single face
100
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com