Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACD0900RS3P1 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # ACD0900RS3P1
Description  VHF/UHF CATV/TV Tuner
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACD0900RS3P1 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  ACD0900RS3P1 Datasheet HTML 1Page - ANADIGICS, Inc ACD0900RS3P1 Datasheet HTML 2Page - ANADIGICS, Inc ACD0900RS3P1 Datasheet HTML 3Page - ANADIGICS, Inc ACD0900RS3P1 Datasheet HTML 4Page - ANADIGICS, Inc ACD0900RS3P1 Datasheet HTML 5Page - ANADIGICS, Inc ACD0900RS3P1 Datasheet HTML 6Page - ANADIGICS, Inc ACD0900RS3P1 Datasheet HTML 7Page - ANADIGICS, Inc ACD0900RS3P1 Datasheet HTML 8Page - ANADIGICS, Inc ACD0900RS3P1 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet - Rev 2.2
05/2005
3
ACD0900
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Note:
(1) V
TCKT : Maximum voltage that may be applied to pin 11 of the device without
damaging the IC. DC blocking capacitor (1500 pF) between pin 11 and the
external tuning circuit is mandatory.
Stresses in excess of the absolute ratings may cause permanent
damage. Functional operation is not implied under these conditions.
Exposure to absolute ratings for extended periods of time may
adversely affect reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric
performance is guaranteed only over the conditions defined in the electrical
specifications.
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
T
I
N
U
V
F
I
D
D
V
,
O
L
D
D
V
,
C
S
O
-9
s
tl
o
V
V
F
R
V
,
T
K
C
T
)
1
(
-0
s
tl
o
V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S5
5
-0
0
2C
°
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
S-
0
6
2C
°
e
m
i
T
g
n
ir
e
d
l
o
S-
5
.
c
e
S
r
e
w
o
P
t
u
p
n
I
F
R-
0
1
+m
B
d
r
e
w
o
P
t
u
p
n
I
O
L-
7
1
+m
B
d
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T-
5
2W
/
C
°
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
y
c
n
e
u
q
e
r
F
F
R
O
L
F
I
0
0
9
5
3
9
5
3
-
-
-
0
0
2
1
0
5
3
1
0
5
1
z
H
M
V
F
I
D
D
V
,
O
L
D
D
5
7
.
40
.
55
2
.
5C
D
V
e
r
u
t
a
r
e
p
m
e
T
e
s
a
C5
5
--
5
8C
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com