Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACD0900RS3P1 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # ACD0900RS3P1
Description  VHF/UHF CATV/TV Tuner
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACD0900RS3P1 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  ACD0900RS3P1 Datasheet HTML 1Page - ANADIGICS, Inc ACD0900RS3P1 Datasheet HTML 2Page - ANADIGICS, Inc ACD0900RS3P1 Datasheet HTML 3Page - ANADIGICS, Inc ACD0900RS3P1 Datasheet HTML 4Page - ANADIGICS, Inc ACD0900RS3P1 Datasheet HTML 5Page - ANADIGICS, Inc ACD0900RS3P1 Datasheet HTML 6Page - ANADIGICS, Inc ACD0900RS3P1 Datasheet HTML 7Page - ANADIGICS, Inc ACD0900RS3P1 Datasheet HTML 8Page - ANADIGICS, Inc ACD0900RS3P1 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Data Sheet - Rev 2.2
05/2005
ACD0900
Table 4: Electrical Specifications
( TA = +25°C; V
DDIF
, V
DDLO
= +5V)
Notes:
(1) Combined output ( IF
1 + IF2) using a
balun. NOTE: Gain at either port (uncombined), with unused port
terminated in 50 W, is 3 dB lower
(2) Two tones @ -15 dBm per tone
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
s
e
i
c
n
e
u
q
e
r
F
F
R
O
L
F
I
-
-
-
0
7
1
1
5
4
2
1
5
7
-
-
-
z
H
M
t
e
s
f
f
O
z
H
K
0
1
@
e
s
i
o
N
e
s
a
h
P-
9
8
-5
.
5
8
-z
H
/
c
B
d
e
r
u
g
i
F
e
s
i
o
N-
0
.
85
.
9B
d
)
d
a
o
L
0
0
2
(
n
i
a
G
)
1
(
8
.
75
.
9-
B
d
)
d
a
o
L
0
0
2
(
D
M
I
r
e
d
r
O
d
r
3
)
2
(
-9
5
-4
5
-c
B
d
)
d
a
o
L
0
0
2
(
P
I
t
u
p
n
I
r
e
d
r
O
d
r
3
)
2
(
2
1
+-
-
m
B
d
,
z
H
K
5
1
@
n
o
i
t
a
l
u
d
o
M
s
s
o
r
C
)
2
(
n
o
i
t
a
l
u
d
o
M
M
A
%
9
9
-6
5
--
c
B
d
n
o
i
t
p
m
u
s
n
o
C
t
n
e
r
r
u
C-
0
80
1
1A
m
V
0
.
5
@
n
o
i
t
p
m
u
s
n
o
C
r
e
w
o
P-
0
0
4-
W
m
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com