Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-3180SW-MART Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-3180SW-MART
Description  18.5 Panel PC with Win 10 LTSC and Intel® Pentium® N4200
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-3180SW-MART Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-3180SW-MART Datasheet HTML 1Page - Advantech Co., Ltd. PPC-3180SW-MART Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Please note: If some optional modules are offered with the system, additional system certificates may be required in certain regions/countries.
Please contact Advantech for certificate compliance.
Dimensions
Unit: mm
I/O View
Ordering Information
Part Number
Description
PPC-3180SW-MART
18.5" Panel PC with Win 10 LTSC and N4200,
4GB DDR3L, 64GB 3D TLC mSATA, 90W power adapter
1700001524
POWER Cord 3P UL 10A 125V 180cm
170203183C
POWER Code 3P Europe (WS-010+083)183 cm
1700008921
POWER CORD 3P/3P POWER SUPPLY 1.8 M PSE
96CB-POWER-B-1.8MB
Power code 3P CCC(China) 1.8M
PPC-174T-WL-MTE
Wall mount kit for PPC series
PPC-STAND-A1E
Stand for PPC series
PPC-ARM-A03
ARM VESA Standard (A-CLEVER) for PPC series
PPC-WLAN-C1E
M.2 Wi-Fi Module with Antenna cable support 2T2R
PPC-HDD-N4200
HDD Bracket module for PPC-3150SW and
PPC-3180SW
Panel Cutout Dimensions: 479.3 x 300.3 mm (18.87 x 11.82 in)
A. Line out
B. COM1: RS-232
C. COM2: RS-232/422/485
D. 2 x LAN
E. HDMI
F. 2 x USB 3.0
G. 2 x USB 2.0
H. DC-In
I. Power Button
A B
C
D
F G
E
H I
488.00
477.72
75.00
PPC-3180SW-MART



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com