Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-3180SW-MART Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-3180SW-MART
Description  18.5 Panel PC with Win 10 LTSC and Intel® Pentium® N4200
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-3180SW-MART Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-3180SW-MART Datasheet HTML 1Page - Advantech Co., Ltd. PPC-3180SW-MART Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Panel PCs
Features
18.5" Panel PC with Win 10 LTSC and
Intel® Pentium® N4200
ƒ
18.5" true-flat WXGA TFT LCD with projected capacitive touch control
ƒ
Win 10 IOT LTSC, 4GB DDR3L SDRAM, 64GB 3D TLC mSATA
ƒ
Fanless design with aluminum alloy enclosure
ƒ
Wide Range DC input (12~24V DC), Configurable RS-232/422/485
ƒ
IP65-rated front panel, Supports dual displays, VESA 75
ƒ
No RED Certification
Introduction
The PPC-3180SW-MART is a high-value, ultra-slim panel PC equipped with a 18.5" WXGA TFT LCD, Intel® Pentium® N4200 quad-core, 1.1 GHz, processor, 4GB DDR3L, 64GB
SSD, 90W power adapter, and Win 10 LTSC to provide high-performance computing in a compact and fanless system.
Specifications
System
CPU
Intel Pentium® N4200 quad Core
Frequency
1.1GHz, turbo boot to 2.5GHz.
L2 Cache
3 MB
Memory
1 x 4GB SODIMM DDR3L 1600 MHz
Storage
1 x 64GB 3D TLC mSATA
1 x 2.5" SATA bay (optional; requires a bracket module for installation)
Network (LAN)
2 x 10/100/1000 Mbps Ethernet (Intel I211-AT)
I/O
2 x Serial ports: 1 x RS-232, 1 x RS-232/422/485 (Adjustable through BIOS)
2 x USB 3.0, 2 x USB 2.0
1 x Line-out
1 x HDMI
Expansion
1 x Mini PCIe
Watchdog Timer
255 timer levels, set up by software
Speaker
2 x 1W
Physical
Characteristics
Dimensions
488 x 309 x 58.45 mm (19.21 x 12.16 x 2.3 in)
Weight
5.4 kg (11.90 lb)
OS Support
OS Support
Microsoft® Windows 10 IOT LTSC
Power Comsumption
Input Voltage
12 ~ 24 VDC
100-240 VAC (90W A/D adapter in the accessory box)
Power Consumption
35 W
LCD
Display Type
18.5" TFT LCD (LED backlight)
Max. Resolution
1366 x 768
Viewing Angle
85 (Left), 85 (Right), 80 (Up), 80 (Down)
Luminance (cd/m2)
450
Contrast Ratio
1000
Backlight Lifetime
50,000 hr (min.)
Touchscreen
Touch Type
Multi-touch projected capacitive
Light Transmission
90% ± 2%
Controller
USB Interface
Environment
Operating Temperature
0 ~ 50 °C (32 ~ 122 °F) with mSATA/SSD
Storage Temperature
-20 ~ 60 °C (-4 ~ 140 °F)
Relative Humidity
10 ~ 95% @ 40 °C (Non-Condensing)
Shock
Operating 10 G Peak Acceleration (11 ms Duration), Follows IEC 60068-2-27
Vibration
Operating Random Vibration Test 5~500Hz, 1Grms @with HDD; 2Grms @with SSD, Follows IEC 60068-2-64
EMC
CE, FCC Class B, BSMI, EN 60601-1-2
Safety
CB, UL, CCC
Front Panel Protection
IP65 compliant
PPC-3180SW-MART
All product specifications are subject to change without notice.
Last updated: 22-Jan-2021


Similar Part No. - PPC-3180SW-MART

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3180SW-PN4A ADVANTECH-PPC-3180SW-PN4A Datasheet
410Kb / 2P
18.5 Fanless Widescreen Panel PC with Intel® Pentium® N4200 Quad-Core Processor
1-Aug-2022
PPC-3180SW-PN4AU ADVANTECH-PPC-3180SW-PN4AU Datasheet
410Kb / 2P
18.5 Fanless Widescreen Panel PC with Intel® Pentium® N4200 Quad-Core Processor
1-Aug-2022
PPC-3180SW-PN4B ADVANTECH-PPC-3180SW-PN4B Datasheet
410Kb / 2P
18.5 Fanless Widescreen Panel PC with Intel® Pentium® N4200 Quad-Core Processor
1-Aug-2022
PPC-3180SW-PN4BU ADVANTECH-PPC-3180SW-PN4BU Datasheet
410Kb / 2P
18.5 Fanless Widescreen Panel PC with Intel® Pentium® N4200 Quad-Core Processor
1-Aug-2022
More results

Similar Description - PPC-3180SW-MART

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-324W-PN4 ADVANTECH-PPC-324W-PN4 Datasheet
438Kb / 2P
23.8 Fanless Widescreen Panel PC with Intel® Pentium® N4200 Quad-Core Processor
28-Jul-2022
PPC-3150SW-MART ADVANTECH-PPC-3150SW-MART Datasheet
504Kb / 2P
15.6 Panel PC with Win 10 LTSC and Intel® Pentium® N4200
22-Jan-2021
PPC-3151SW-MART ADVANTECH-PPC-3151SW-MART Datasheet
570Kb / 2P
15.6 Panel PC with Win 10 LTSC and Intel® Core™ i5-6300U
22-Jan-2021
PPC-3180SW ADVANTECH-PPC-3180SW Datasheet
410Kb / 2P
18.5 Fanless Widescreen Panel PC with Intel® Pentium® N4200 Quad-Core Processor
1-Aug-2022
PPC-3181SW-MART ADVANTECH-PPC-3181SW-MART Datasheet
560Kb / 2P
18.5 Panel PC with Win 10 LTSC and Intel® Core™ i5-6300U
22-Jan-2021
PPC-3211SW-MART ADVANTECH-PPC-3211SW-MART Datasheet
574Kb / 2P
21.5 Panel PC with Win 10 LTSC and Intel® Core™ i5-6300U
22-Jan-2021
PPC-3241SW-MART ADVANTECH-PPC-3241SW-MART Datasheet
559Kb / 2P
23.8 Panel PC with Win 10 LTSC and Intel® Core™ i5-7300U
22-Jan-2021
logo
AAEON Technology
ACP-1076 AAEON-ACP-1076 Datasheet
619Kb / 2P
7” SWXGA Multi-Touch Panel PC with Intel® Pentium® N4200/ Celeron® N3350 Processor, 4 GB RAM
2022/11/04
logo
Advantech Co., Ltd.
UTC-215 ADVANTECH-UTC-215 Datasheet
437Kb / 2P
15.6" Open-frame panel PC UTC-215F with Intel® Core™ i5-6300U UTC-215G with Intel® Pentium® N4200
22-Mar-2022
UTC-232 ADVANTECH-UTC-232 Datasheet
405Kb / 2P
31.5" Open-frame panel PC UTC-232F with Intel® Core™ i5-6300U UTC-232G with Intel® Pentium® N4200
13-Sep-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com