Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT8312 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AMT8312
Description  2.5 Gb/s 850 nm PIN-TIA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8312 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AMT8312 Datasheet HTML 1Page - ANADIGICS, Inc AMT8312 Datasheet HTML 2Page - ANADIGICS, Inc AMT8312 Datasheet HTML 3Page - ANADIGICS, Inc AMT8312 Datasheet HTML 4Page - ANADIGICS, Inc AMT8312 Datasheet HTML 5Page - ANADIGICS, Inc AMT8312 Datasheet HTML 6Page - ANADIGICS, Inc AMT8312 Datasheet HTML 7Page - ANADIGICS, Inc AMT8312 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
09/2003
AMT8312
2.5 Gb/s 850 nm PIN-TIA
PRELIMINARY DATA SHEET - Rev 1.0
FEATURES
•
2.5 Gb/s Differential Output TIA
•
3.3 V Operation
•
1800 MHz Bandwidth
•
-23 dBm Typical Sensitivity
•
0 dBm Optical Overload
•
Photocurrent Monitor
•
100 µm 850 nm PIN Photodetector
•
TO-46 5 Pin Lens Package
APPLICATIONS
•
SONET OC-48/SDH STM-16 (2.488 Gb/s)
•
2 x Fibre Channel (2.125 Gb/s)
•
2.5 Gb/s Infiniband
•
Fibre Channel/Gigabit Ethernet (1.0625/1.25 Gb/s)
Figure 1: Functional Block Diagram
PRODUCT DESCRIPTION
The ANADIGICS AMT8312, packaged in a 5 pin
TO-46 lens can, is a 3.3 V integrated photodetector
and transimpedance amplifier (TIA) used to convert
a short wavelength (850 nm) input optical signal into
a differential output voltage. The AMT8312 has a
bandwidth of 1.8 GHz, a dynamic range of over
23 dB and a photocurrent monitor with an output that
is proportional to the average input optical power.
These devices are readily designed into receivers,
transceivers and transponders for SONET, Fibre
Channel and Infiniband applications.
T46L
TO-46 5 pin Ball Lens
Package
Offset
Control
DC Compensation
VOUTP
VOUTN
1
4
P
IN
5
R
F
VCC
2
3
IMON


Similar Part No. - AMT8312

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT8310 ANADIGICS-AMT8310 Datasheet
270Kb / 8P
2.5 Gb/s 850 nm PIN-TIA
09/2003
AMT8310T46L ANADIGICS-AMT8310T46L Datasheet
270Kb / 8P
2.5 Gb/s 850 nm PIN-TIA
09/2003
More results

Similar Description - AMT8312

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG2C-8012 ETC-MG2C-8012 Datasheet
193Kb / 2P
2.5 Gbps 850 nm PIN-TIA
logo
ANADIGICS, Inc
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
1.25 Gb/s 1310/1550nm PIN-TIA
Rev 1.1
AMT8310 ANADIGICS-AMT8310 Datasheet
270Kb / 8P
2.5 Gb/s 850 nm PIN-TIA
09/2003
AMT8410 ANADIGICS-AMT8410 Datasheet
180Kb / 8P
2.5 Gb/s 1310/1550nm PIN-TIA
09/2002
AMT8412 ANADIGICS-AMT8412 Datasheet
220Kb / 4P
2.5 Gb/s 1310/1550nm PIN-TIA
Rev 0.1
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
10 Gb/s 1310/1550nm PIN-TIA
01/2006
AMT8650 ANADIGICS-AMT8650 Datasheet
161Kb / 4P
10 Gb/s 1310/1550nm PIN-TIA
01/2006
logo
Optoway Technology Inc
GBM-9000G OPTOWAY-GBM-9000G Datasheet
86Kb / 4P
5V / 850 nm / 2.5 Gb/s Multi-Mode Gigabit Interface Converter (GBIC)
logo
JDS Uniphase Corporatio...
PL-DD0-00-S30-C0 JDSU-PL-DD0-00-S30-C0 Datasheet
146Kb / 3P
850 nm 2.5 G GaAs PIN Die
logo
Optoway Technology Inc
SPM-9100V-1TG OPTOWAY-SPM-9100V-1TG Datasheet
144Kb / 5P
850 nm / 3 Gb/s Single Optical Multi-Mode Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com