Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT8312 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AMT8312
Description  2.5 Gb/s 850 nm PIN-TIA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8312 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AMT8312 Datasheet HTML 1Page - ANADIGICS, Inc AMT8312 Datasheet HTML 2Page - ANADIGICS, Inc AMT8312 Datasheet HTML 3Page - ANADIGICS, Inc AMT8312 Datasheet HTML 4Page - ANADIGICS, Inc AMT8312 Datasheet HTML 5Page - ANADIGICS, Inc AMT8312 Datasheet HTML 6Page - ANADIGICS, Inc AMT8312 Datasheet HTML 7Page - ANADIGICS, Inc AMT8312 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PRELIMINARY DATA SHEET - Rev 1.0
09/2003
AMT8312
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
T
I
N
U
e
g
a
t
l
o
V
y
l
p
p
u
S5
.
0
-0
.
6V
r
e
w
o
P
t
u
p
n
I
l
a
c
i
t
p
O-
4
+m
B
d
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S0
4
-5
2
1
+°C
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
1N
T
U
O
V
C
A
e
b
o
t
s
d
e
e
N
.
t
u
p
n
i
l
a
c
i
t
p
o
n
a
h
t
i
w
'
0
'
l
a
c
i
g
o
L
.
e
g
a
t
l
o
V
t
u
p
t
u
O
d
e
t
r
e
v
n
I
.
d
a
o
l
e
h
t
o
t
d
e
l
p
u
o
c
2C
C
VV
6
.
3
o
t
0
.
3
:
e
g
a
t
l
o
V
y
l
p
p
u
S
e
v
i
t
i
s
o
P
3N
O
M
I
d
n
a
n
i
a
r
d
n
e
p
o
s
i
n
i
p
N
O
M
I
e
h
T
.
t
n
e
r
r
u
c
e
d
o
i
d
o
t
o
h
p
e
g
a
r
e
v
a
d
e
r
o
r
r
i
M
0
.
2
a
h
g
u
o
r
h
t
d
e
t
c
e
n
n
o
c
e
b
d
l
u
o
h
sk
Ω
.
V
3
.
3
o
t
r
o
t
s
i
s
e
r
4P
T
U
O
V
e
b
o
t
s
d
e
e
N
.
t
u
p
n
i
l
a
c
i
t
p
o
n
a
h
t
i
w
'
1
'
l
a
c
i
g
o
L
:
e
g
a
t
l
o
V
t
u
p
t
u
O
d
e
t
r
e
v
n
I
-
n
o
N
.
d
a
o
l
e
h
t
o
t
d
e
l
p
u
o
c
C
A
5d
n
u
o
r
G.
d
e
d
n
u
o
r
g
s
i
e
s
a
C
:
d
n
u
o
r
G
Table 1: TO-46 Package Pin Description
Figure 2 : T46L Pin Outline (Bottom View)
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent
damage. Functional operation is not implied under these conditions.
Exposure to absolute ratings for extended periods of time may
adversely affect reliability.
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com