Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT8630 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AMT8630
Description  10 Gb/s 1310/1550nm PIN-TIA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8630 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AMT8630 Datasheet HTML 1Page - ANADIGICS, Inc AMT8630 Datasheet HTML 2Page - ANADIGICS, Inc AMT8630 Datasheet HTML 3Page - ANADIGICS, Inc AMT8630 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
01/2006
AMT8630
10 Gb/s 1310/1550nm PIN-TIA
ADVANCED PRODUCT INFORMATION – Rev 0.0
FEATURES
•
10 Gb/s differential output TIA
•
7.5 GHz Bandwidth
•
-20 dBm Typical Sensitivity
•
+3 dBm Optical Overload
•
1250-1620nm PIN Photodetector
•
Transimpedance gain of 12K and 450mVpp output
APPLICATIONS
•
SONET OC-192/SDH STM-64
•
10Gb/s Ethernet
High speed 5-pin package
Product Description
The ANADIGICS AMT8630 is a low cost optical
receiver capable of operation to 10Gb/s. A high
performance PIN photodiode and a low noise, high
gain
transimpedance
pre-amplifier
(TIA)
are
incorporated in a hermetic high speed header. The
bandwidth is 7.5GHz and dynamic range is over
23dB. High gain of the TIA eliminates the need for a
separate post amplifier in most applications. These
devices
are
readily
designed
into
receivers,
transceivers
and
transponders
for
SONET
OC-
192/SDH STM-64 and 10 Gigabit Ethernet.
Figure 1: Functional Block Diagram
VOUTN
VPD
VOUTP
RF
PIN
1
2
3
4
Vref
VTIA
5


Similar Part No. - AMT8630

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT8650 ANADIGICS-AMT8650 Datasheet
161Kb / 4P
10 Gb/s 1310/1550nm PIN-TIA
01/2006
AMT8650-H1 ANADIGICS-AMT8650-H1 Datasheet
161Kb / 4P
10 Gb/s 1310/1550nm PIN-TIA
01/2006
AMT8650-H1-EVA ANADIGICS-AMT8650-H1-EVA Datasheet
161Kb / 4P
10 Gb/s 1310/1550nm PIN-TIA
01/2006
AMT8650-T46L ANADIGICS-AMT8650-T46L Datasheet
161Kb / 4P
10 Gb/s 1310/1550nm PIN-TIA
01/2006
AMT8650-T46L-EVA ANADIGICS-AMT8650-T46L-EVA Datasheet
161Kb / 4P
10 Gb/s 1310/1550nm PIN-TIA
01/2006
More results

Similar Description - AMT8630

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT121302 ANADIGICS-AMT121302 Datasheet
594Kb / 12P
1.25Gb/s 1310/1550nm PIN-TIA
Rev 0
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
1.25 Gb/s 1310/1550nm PIN-TIA
Rev 1.1
AMT8310 ANADIGICS-AMT8310 Datasheet
270Kb / 8P
2.5 Gb/s 850 nm PIN-TIA
09/2003
AMT8312 ANADIGICS-AMT8312 Datasheet
242Kb / 8P
2.5 Gb/s 850 nm PIN-TIA
09/2003
AMT8410 ANADIGICS-AMT8410 Datasheet
180Kb / 8P
2.5 Gb/s 1310/1550nm PIN-TIA
09/2002
AMT8412 ANADIGICS-AMT8412 Datasheet
220Kb / 4P
2.5 Gb/s 1310/1550nm PIN-TIA
Rev 0.1
AMT8650 ANADIGICS-AMT8650 Datasheet
161Kb / 4P
10 Gb/s 1310/1550nm PIN-TIA
01/2006
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
10 Gb/s High Overload TIA
Rev 1.0
logo
Zarlink Semiconductor I...
PX6429 ZARLINK-PX6429 Datasheet
229Kb / 3P
12 x 10 Gb/s TIA/LA Optical Receiver
PX6524 ZARLINK-PX6524 Datasheet
617Kb / 3P
4 x 10 Gb/s TIA/LA Receiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com