Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT8630 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AMT8630
Description  10 Gb/s 1310/1550nm PIN-TIA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8630 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AMT8630 Datasheet HTML 1Page - ANADIGICS, Inc AMT8630 Datasheet HTML 2Page - ANADIGICS, Inc AMT8630 Datasheet HTML 3Page - ANADIGICS, Inc AMT8630 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AMT8630
ADVANCED PRODUCT INFORMATION – Rev 0.0
2
01/2006
ELECTRICAL CHARACTERISTICS
Table 1: Absolute Maximum Ratings
PARAMETER
MIN
MAX
UNIT
Supply Voltage
-0.5
4.0
V
Photodiode bias Voltage
2
10
V
Optical Input Power
-
+ 10
dBm
Storage Temperature
- 40
+ 125
oC
Stresses in excess of the absolute ratings may cause permanent damage. Functional
operation is not implied under these conditions. Exposure to absolute ratings for extended
periods of time may adversely affect reliability.
Table 2: Electrical Specifications
PARAMETER
MIN
TYP
MAX
UNIT
Wavelength
1250
-
1620
nm
Sensitivity
(1)
-
-20
-19
dB
Overload
-
3
-
dBm
Responsivity 1550nm
0.80
0.90
-
A/W
Responsivity 1310nm
0.75
0.85
-
A/W
Dark current
-
0.2
5
nA
Small signal transimpedance gain (differential)
10.5
12
13.5
K
Ω
Small signal 3dB bandwidth
7
8
10
GHz
Low frequency cutoff
-
10
45
KHz
Output return loss (differential)
(2)
-
9
-
dB
Output voltage swing (differential)
350
450
650
mVP-P
Optical return loss
50
55
-
dB
Photodiode bias voltage
2.5
3.3
9
V
TIA supply voltage
3.1
3.3
3.5
V
TIA supply current
-
32
-
mA
Power consumption
85
105
142
mW
Operating temperature
-40
25
85
oC
(1)
10Gb/s PRBS 2
31-, 1550nm, ER >12dB
(2)
½(S11 - S21 + S22 - S12), 100MHz – 9GHz
Figure 2: Pin location
1
2
3
4
5
Table 3: Pin description
PIN
NAME
DESCRIPTION
1
VOUTP
Non-inverted output voltage. Logical ‘1’ with
an optical input. Output is not AC coupled.
2
VTIA
Amplifier supply voltage: 3.3V
3
VPD
Photodiode bias: 3.3V
4
VOUTN
Inverted output voltage: Logical ‘0’ with an
optical input. Output is not AC coupled
5
Ground
Ground



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com