Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5151 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL5151
Description  Low IQ, Low Dropout 150mA Fixed Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5151 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL5151 Datasheet HTML 8Page - Anpec Electronics Coropration APL5151 Datasheet HTML 9Page - Anpec Electronics Coropration APL5151 Datasheet HTML 10Page - Anpec Electronics Coropration APL5151 Datasheet HTML 11Page - Anpec Electronics Coropration APL5151 Datasheet HTML 12Page - Anpec Electronics Coropration APL5151 Datasheet HTML 13Page - Anpec Electronics Coropration APL5151 Datasheet HTML 14Page - Anpec Electronics Coropration APL5151 Datasheet HTML 15Page - Anpec Electronics Coropration APL5151 Datasheet HTML 16Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - May., 2005
APL5151/2/3/4
www.anpec.com.tw
13
Packaging Information
SOT-23-5
e1
E1
E
b
1
2
3
4
5
e
D
A2
A
A1
L 2
L
L 1
a
Millimeters
Inches
Dim
Min.
Max.
Min.
Max.
A
0.95
1.45
0.037
0.057
A1
0.05
0.15
0.002
0.006
A2
0.90
1.30
0.035
0.051
b
0.35
0.55
0.0138
0.0217
D
2.8
3.00
0.110
0.118
E
2.6
3.00
0.102
0.118
E1
1.5
1.70
0.059
0.067
e
0.95
0.037
e1
1.90
0.075
L
0.35
0.55
0.014
0.022
L1
0.20 BSC
0.008 BSC
L2
0.5
0.7
0.020
0.028
N
5
5
α
0
°
10
°
0
°
10
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com