Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5151 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5151
Description  Low IQ, Low Dropout 150mA Fixed Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5151 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5151 Datasheet HTML 1Page - Anpec Electronics Coropration APL5151 Datasheet HTML 2Page - Anpec Electronics Coropration APL5151 Datasheet HTML 3Page - Anpec Electronics Coropration APL5151 Datasheet HTML 4Page - Anpec Electronics Coropration APL5151 Datasheet HTML 5Page - Anpec Electronics Coropration APL5151 Datasheet HTML 6Page - Anpec Electronics Coropration APL5151 Datasheet HTML 7Page - Anpec Electronics Coropration APL5151 Datasheet HTML 8Page - Anpec Electronics Coropration APL5151 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - May., 2005
APL5151/2/3/4
www.anpec.com.tw
2
Product
Name
Marking
Product
Name
Marking
Product
Name
Marking
Product
Name
Marking
APL5151-13
1517X
APL5152-13
1527X
APL5153-13
1537X
APL5154-13
1547X
APL5151-14
1518X
APL5152-14
1528X
APL5153-14
1538X
APL5154-14
1548X
APL5151-15
1519X
APL5152-15
1529X
APL5153-15
1539X
APL5154-15
1549X
APL5151-16
151AX
APL5152-16
152AX
APL5153-16
153AX
APL5154-16
154AX
APL5151-17
151BX
APL5152-17
152BX
APL5153-17
153BX
APL5154-17
154BX
APL5151-18
151CX
APL5152-18
152CX
APL5153-18
153CX
APL5154-18
154CX
APL5151-19
151DX
APL5152-19
152DX
APL5153-19
153DX
APL5154-19
154DX
APL5151-20
151EX
APL5152-20
152EX
APL5153-20
153EX
APL5154-20
154EX
APL5151-21
151FX
APL5152-21
152FX
APL5153-21
153FX
APL5154-21
154FX
APL5151-22
151GX
APL5152-22
152GX
APL5153-22
153GX
APL5154-22
154GX
APL5151-23
151HX
APL5152-23
152HX
APL5153-23
153HX
APL5154-23
154HX
APL5151-24
151IX
APL5152-24
152IX
APL5153-24
153IX
APL5154-24
154IX
APL5151-25
151JX
APL5152-25
152JX
APL5153-25
153JX
APL5154-25
154JX
APL5151-26
151KX
APL5152-26
152KX
APL5153-26
153KX
APL5154-26
154KX
APL5151-27
151LX
APL5152-27
152LX
APL5153-27
153LX
APL5154-27
154LX
APL5151-28
151MX
APL5152-28
152MX
APL5153-28
153MX
APL5154-28
154MX
APL5151-285
1512X
APL5152-285
1522X
APL5153-285
1532X
APL5154-285
1542X
APL5151-29
151NX
APL5152-29
152NX
APL5153-29
153NX
APL5154-29
154NX
APL5151-30
151OX
APL5152-30
152OX
APL5153-30
153OX
APL5154-30
154OX
APL5151-31
151PX
APL5152-31
152PX
APL5153-31
153PX
APL5154-31
154PX
APL5151-32
151QX
APL5152-32
152QX
APL5153-32
153QX
APL5154-32
154QX
APL5151-33
151RX
APL5152-33
152RX
APL5153-33
153RX
APL5154-33
154RX
APL5151-34
151SX
APL5152-34
152SX
APL5153-34
153SX
APL5154-34
154SX
APL5151-35
151TX
APL5152-35
152TX
APL5153-35
153TX
APL5154-35
154TX
APL5151-48
151XX
APL5152-48
152XX
APL5153-48
153XX
APL5154-48
154XX
APL5151-49
151YX
APL5152-49
152YX
APL5153-49
153YX
APL5154-49
154YX
APL5151-50
151ZX
APL5152-50
152ZX
APL5153-50
153ZX
APL5154-50
154ZX
Ordering Information
Package Code
B : SOT-23-5
Temp. Range
C : 0 to 70 C
I : -40 to 85 C
Handling Code
TR : Tape & Reel
Voltage Code :
13 : 1.3V ~ 50 : 5.0V(refer below for detailed)
Lead Free Code
L : Lead Free Device
Blank : Original Device
APL5151/2/3/4 -
Handling Code
Temp. Range
Package Code
Voltage Code
Lead Free Code
°
°
Marking Information
The last character “X” in the marking is for data code.
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termina-
tion finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations.
ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classifica-
tion at lead-free peak reflow temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com