Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA0710XAI Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APA0710XAI
Description  1.1W Mono Low-Voltage Audio Power Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0710XAI Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APA0710XAI Datasheet HTML 3Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 4Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 5Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 6Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 7Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 8Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 9Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 10Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Oct., 2005
APA0710/0711
www.anpec.com.tw
7
Pin Description
Pin
Name
No
I/O
Description
Shutdown
1
I
Shutdown mode control signal input, place entire IC in shutdown mode
when held low.
Bypass
2
I
Bypass pin
IN+
3
I
IN+ is the non-inverting input. IN+ is typically tied to the Bypass terminal.
IN-
4
I
IN- is the inverting input. IN- is typically used as the audio input terminal.
VO+
5
O
VO+ is the positive BTL output.
VDD
6
Supply voltage input pin.
GND
7
Ground connection for circuitry.
VO-
8
O
VO- is the negative BTL output.
APA0711
+
_
+
_
CB
1
µF
CI
0.47
µF
RI
From System Control
VDD
Cs
CC
330
µF
VDD/2
Bypass
Shutdown
SE/BTL
1
2
3
4
5
6
7
8
10k
Ω
100k
Ω
100k
Ω
1 k
Ω
Vo+
Vo-
GND
IN
0.1
µF
Bias
Control
RF
10 k
Ω
VDD
Audio
Input
VDD
1
µF
Typical Application Circuit
for APA0710 Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com