Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA0710XAI Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APA0710XAI
Description  1.1W Mono Low-Voltage Audio Power Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0710XAI Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APA0710XAI Datasheet HTML 2Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 3Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 4Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 5Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 6Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 7Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 8Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 9Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Oct., 2005
APA0710/0711
www.anpec.com.tw
6
APA0710/1
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Shutdown, VI = VDD
1
Shutdown, VI = VDD
1
|IH|
SE/BTL, VI = VDD
1
µA
Shutdown, VI = 0V
1
Shutdown, VI = 0V
1
|IL|
SE/BTL, VI = 0V
1
µA
Operating characteristic, VDD = 5V, TA = 25°C, RL = 8Ω
THD = 1%, BTL mode, RL = 8Ω
900
PO
Output Power
(Note 1)
THD = 1%, SE mode, RL = 32Ω
94
mW
THD+N
Total Harmonic Distortion
Plus Noise
(Note 1)
PO = 630mW, BTL mode,
RL = 8Ω
0.15
%
Bom
Maximum Output Power
Bandwidth
Gain = 2, THD+N = 2%
20
kHz
B1
Unity-Gain Bandwidth
Open Loop
2
MHz
CB = 1µF, BTL mode, RL = 8Ω
74
PSRR
Power Supply Rejection
Ratio
(Note1)
CB = 1µF, SE mode, RL = 8Ω
61
dB
Vn
Noise Output Voltage
Gain = 1, CB = 0.1µF
28
µV(rms)
Twu
Wake-up time
CB = 1µF
400
ms
Electrical Characteristics(Cont.)
Electrical Characteristics at Specified Free - Air Temperature (Cont.)
V
DD= 5V, TA= 25°C (unless otherwise noted)
Note1 : Output power is measured at the output terminals of device at f=1KHz.
Pin
Name
No
I/O
Description
Shutdown
1
I
Shutdown mode control signal input, place entire IC in shutdown mode
when held high.
Bypass
2
I
Bypass pin
SE/BTL
3
I
When SE/BTL is held low, the APA0710 is in BTL mode. When SE/BTL is
held high, the APA0710 is in SE mode
IN
4
I
In is the audio input terminal
VO+
5
O
VO+ is the positive output for BTL and SE modes
VDD
6
Supply voltage input pin
GND
7
Ground connection for circuitry
VO-
8
O
VO- is the negative output in BTL mode and a high-impedance output in SE
mode
Pin Description
APA0710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com