Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPTPAMAM166 Datasheet(PDF) 1 Page - PerkinElmer Optoelectronics

Part # TPTPAMAM166
Description  Array Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

TPTPAMAM166 Datasheet(HTML) 1 Page - PerkinElmer Optoelectronics

  TPTPAMAM166 Datasheet HTML 1Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.perkinelmer.com/opto
Europe:
PerkinElmer Optoelectronics GmbH
Wenzel Jaksch Str 31
Wiesbaden / Germany
Phone +49(0)611 492 0
Fax
+49(0)611 492 170
USA:
PerkinElmer Optoelectronics
2175 Mission Colledge Blvd
Santa Clara, CA 95054
Phone +408 565 0830
Fax
+408 565 0703
Asia:
PerkinElmer Optoelectronics
47, Ayer Rajah Crescent #06-12
Singapore
139947
Phone +65 775 2022
Fax
+65 775 1008
Array Module
TP
Array Module
TP
Array Module
TP
Array Module
TP
Array Module
TPAM 166 L3.9
AM 166 L3.9
AM 166 L3.9
AM 166 L3.9
AM 166 L3.9
Thermopile Matrix Array with 4x4 Elements
Plug-In Module with Stored Calibration Data
Integrated Optics, Multiplexer, Amplifier, Reference and
Self Test Function
Designed for Industrial Temperature Measurements
The integrated ThermoPile Array Sensor consists of a 4x4-elements thermo-
pile chip connected to a multiplexing signal conditioning circuit.The sensor is
further equipped with an internal temperature sensor for correct target tem-
perature determination. All analogue signals, including the ambient tempera-
ture, are given out in a fixed frame, containing the information in one serial
stream. Lenses for different field of views are available on demand.The sensor
in a TO-5 housing is mounted on a small pcb with calibration data for this
specific sensor stored in an E²PROM.
W…rs
S@T@U
T6HQG@
6PVU
Uh€i
Q
Q
Q!
Q"
Q %
Q
Q
T6HQG@
8CD
6PVU
8CD
Q
Q
Q!
Q"
Q
Q
Q!
Qv‘ryÃQÆÃv†Ãirvtłpr††rq)Ã
Q# Q %
Output sequence
Dimensions in mm
s
r
e
t
e
m
a
r
a
P
l
a
c
i
p
y
ts
t
i
n
un
o
i
t
i
d
n
o
c
w
e
i
v
f
o
d
l
e
i
F
e
g
a
t
l
o
v
t
u
p
t
u
O
e
s
i
o
n
t
u
p
t
u
O
e
r
u
t
a
r
e
p
m
e
t
t
c
e
j
b
O
V
e
g
a
t
l
o
v
g
n
i
t
a
r
e
p
O
D
D
t
n
e
r
r
u
c
g
n
i
t
a
r
e
p
O
V
t
e
s
f
f
o
l
a
n
g
i
s
o
r
e
Z
f
e
r
e
c
n
a
t
s
i
s
e
r
t
u
p
t
u
O
e
m
i
t
p
u
r
e
w
o
P
y
c
n
e
u
q
e
r
f
e
l
p
m
a
S
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
O
S
e
p
o
l
s
f
e
r
e
r
u
t
a
r
e
p
m
e
T
T
f
e
r
e
r
u
t
a
r
e
p
m
e
TV
t
e
s
f
f
o
O
Thermopile Infrared Detectors
Lighting
|
Imaging
|
Telecom
M
A
P
T9
.
3
L
6
6
1
2
3
x
1
4°
m
m
9
.
3
=
f
,
1
/f
5
9
.
0V
T
B
B
T
,
°
0
8
=
b
m
a
°
0
2
=
4
.
0/
V
m Ö z
Hz
H
0
2
..
.
5
.
0
0
2
-0
0
1C
°
5V
m
µ
4
1
..
.
5
B
B
K
0
0
5
1A
mm
µ
4
1
..
.
5
B
B
K
0
0
5
V
D
D
2
/V
0
0
2
W
3
,
0s
3z
H
k
0
4
-0
0
1C
°
0
2
-0
0
1C
°
0
1K
/
V
mV
p
m
e
T
S
=
TT
b
m
a
V
+
K
/
0
0V
m


Similar Part No. - TPTPAMAM166

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPT TOPPOWER-TPT Datasheet
596Kb / 3P
3W 1.5KVDC Isolated Triple Output DC/DC Converters
TPT TOPPOWER-TPT Datasheet
729Kb / 3P
3W 1.5KVDC Isolated Triple Output DC/DC Converters
logo
Teledyne Technologies I...
TPT-13-6003 TELEDYNE-TPT-13-6003 Datasheet
889Kb / 2P
Temperature Compensated Amplifier 6 GHz - 13 GHz
TPT-13-6004 TELEDYNE-TPT-13-6004 Datasheet
887Kb / 2P
Temperature Compensated Amplifier 6 GHz - 13 GHz
TPT-13-6005 TELEDYNE-TPT-13-6005 Datasheet
887Kb / 2P
Temperature Compensated Amplifier 6 GHz - 13 GHz
More results

Similar Description - TPTPAMAM166

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
TPLM086L55 PERKINELMER-TPLM086L55 Datasheet
258Kb / 1P
Linear Array Module
logo
Linear Technology
LTM8001 LINER-LTM8001 Datasheet
469Kb / 28P
de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
logo
Hamamatsu Corporation
H11460-03 HAMAMATSU-H11460-03 Datasheet
542Kb / 12P
LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
logo
Linear Technology
LTM4644 LINER-LTM4644_15 Datasheet
527Kb / 32P
Quad DC/DC Module Regulator with Configurable 4A Output Array
LTM8001 LINER-LTM8001_15 Datasheet
432Kb / 28P
36VIN, 5A Module Regulator with 5-Output Configurable LDO Array
logo
Nippon Precision Circui...
SMH-01B01-01 NPC-SMH-01B01-01 Datasheet
426Kb / 13P
PythPits Series Infrared Array Sensor Module
logo
Linear Technology
LTM4643EV LINER-LTM4643EV Datasheet
954Kb / 8P
Quad DC/DC 關Module Regulator with Configurable 3A Output Array
LTM4643 LINER-LTM4643 Datasheet
567Kb / 32P
Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
logo
List of Unclassifed Man...
SPCM-AQ4C ETC2-SPCM-AQ4C Datasheet
749Kb / 9P
Single Photon Counting Module 4 Channel Array
logo
Monolithic Power System...
MPM54504 MPS-MPM54504 Datasheet
1Mb / 20P
16V, Quad DC/DC Power Module with 5A Output Array
Rev. 1.0 3/19/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com