Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM4429K Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APM4429K
Description  P-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4429K Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APM4429K Datasheet HTML 1Page - Anpec Electronics Coropration APM4429K Datasheet HTML 2Page - Anpec Electronics Coropration APM4429K Datasheet HTML 3Page - Anpec Electronics Coropration APM4429K Datasheet HTML 4Page - Anpec Electronics Coropration APM4429K Datasheet HTML 5Page - Anpec Electronics Coropration APM4429K Datasheet HTML 6Page - Anpec Electronics Coropration APM4429K Datasheet HTML 7Page - Anpec Electronics Coropration APM4429K Datasheet HTML 8Page - Anpec Electronics Coropration APM4429K Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - Sep., 2005
www.anpec.com.tw
3
APM4429K
Electrical Characteristics (Cont.) (T
A = 25°C unless otherwise noted)
APM4429K
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Dynamic Characteristics
b
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
4
Ω
Ciss
Input Capacitance
2760
Coss
Output Capacitance
430
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=-25V,
Frequency=1.0MHz
285
pF
td(ON)
Turn-on Delay Time
18
33
Tr
Turn-on Rise Time
19
35
td(OFF)
Turn-off Delay Time
103
186
Tf
Turn-off Fall Time
VDD=-15V, RL=15Ω,
IDS=-1A, VGEN=-10V,
RG=6Ω
48
87
ns
trr
Reverse Recovery Time
26
ns
Qrr
Reverse Recovery Charge
ISD=-12A, dISD/dt=100A/µs
10
nC
Notes:
a : Pulse test ; pulse width
≤300
µs, duty cycle≤2%.
b : Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com