Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM4429K Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APM4429K
Description  P-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4429K Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APM4429K Datasheet HTML 2Page - Anpec Electronics Coropration APM4429K Datasheet HTML 3Page - Anpec Electronics Coropration APM4429K Datasheet HTML 4Page - Anpec Electronics Coropration APM4429K Datasheet HTML 5Page - Anpec Electronics Coropration APM4429K Datasheet HTML 6Page - Anpec Electronics Coropration APM4429K Datasheet HTML 7Page - Anpec Electronics Coropration APM4429K Datasheet HTML 8Page - Anpec Electronics Coropration APM4429K Datasheet HTML 9Page - Anpec Electronics Coropration APM4429K Datasheet HTML 10Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - Sep., 2005
www.anpec.com.tw
6
APM4429K
-VDS - Drain - Source Voltage (V)
Drain-Source On Resistance
Tj - Junction Temperature (°C)
-VSD - Source - Drain Voltage (V)
Source-Drain Diode Forward
Capacitance
Gate Charge
QG - Gate Charge (nC)
Typical Characteristics (Cont.)
-50 -25
0
25
50
75
100 125 150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
R
ON
@T
j
=25
oC: 9mΩ
V
GS
= -20V
I
DS
= -12A
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
0.1
1
10
50
T
j
=150
oC
T
j
=25
oC
0
5
10
15
20
25
30
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency=1MHz
Crss
Coss
Ciss
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
6
7
8
9
10
V
DS
= -15V
I
D
= -12A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com