Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM2F-8536 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CSM2F-8536
Description  Shunt Resistor with Sense Pins & Tinned Terminals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CSM2F-8536 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CSM2F-8536 Datasheet HTML 1Page - Bourns Electronic Solutions CSM2F-8536 Datasheet HTML 2Page - Bourns Electronic Solutions CSM2F-8536 Datasheet HTML 3Page - Bourns Electronic Solutions CSM2F-8536 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CSM2F-8536 Series – Shunt Resistor with Sense Pins & Tinned Terminals
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Product Dimensions
18.00
(.709)
60.00
(2.362)
36.00 ± 0.20
(1.417 ± .008)
OPTIONAL
TRIMMING
2 PLCS.
A
B
C
12.50
(.492)
10.00 ± 0.10
(.394 ± .004)
DIA. 2 PLCS.
1.00 ± 0.10
(.039 ± .004)
DIA. 3 PLCS.
2.00
(.079)
3.00
(.118)
8.00 ± 0.20
(.315 ± .008)
85.00 ± 0.40
(3.346 ± .016)
Part Number
Dim A Dim B Dim C
CSM2F-8536-L025J21
4.70
(.185)
7.87
(.310)
—
CSM2F-8536-L050J21
9.40
(.370)
12.57
(.495)
—
CSM2F-8536-L025J31
4.70
(.185)
7.87
(.310)
5.59
(.220)
CSM2F-8536-L050J31
9.40
(.370)
12.57
(.495)
5.59
(.220)
Note: Terminals plated: Nickel barrier and 100 % Sn.
DIMENSIONS:
MM
(INCHES)
Power Derating Curve
Terminal Temperature (°C)
120
100
80
60
40
20
0
0
20
40
60
80
100
120
140
160
180
125 °C
Packaging Specifications
Tray Pack .....................16 pcs. per high impact polysterene tray
112 pcs. per box
Size.......................... 460 mm x 320 mm (18.110 in. x 12.598 in.)
General Specifications
Moisture Sensitivity Level...........................................................1
ESD Classification............................................................ Level 6
per AEC-Q200-002,
≥ 25,000 V air discharge



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com