Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM2F-8536 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CSM2F-8536
Description  Shunt Resistor with Sense Pins & Tinned Terminals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CSM2F-8536 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CSM2F-8536 Datasheet HTML 1Page - Bourns Electronic Solutions CSM2F-8536 Datasheet HTML 2Page - Bourns Electronic Solutions CSM2F-8536 Datasheet HTML 3Page - Bourns Electronic Solutions CSM2F-8536 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CSM2F-8536 Series – Shunt Resistor with Sense Pins & Tinned Terminals
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice. Users should verify actual device performance in their specific
applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last
page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer
and Reproductive Harm
www.P65Warnings.ca.gov
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
AUTOMOTIVE
GRADE
Features
n
Up to 50 W permanent power
n
High pulse power rating
n
Maximum fastening torque: 25 Nm
n
Customized versions available
n
RoHS compliant* / lead free
n
AEC-Q200 compliant
Applications
n
Battery management systems
n
Current sensing for hybrid and electric
vehicles
n
Current sensing in bus bars
n
Current sensing in welding equipment
n
Frequency converters
Electrical Characteristics
Characteristic
Model CSM2F-8536 with Sense Pins
Resistance Range /
Power Rating @ 125 °C**
25 µΩ / 50 W
50 µΩ / 50 W
Operating Temperature Range
-40 ℃ ~ +170 ℃
TCR on Test Points
(+20 °C to +130 °C)
±150 ppm/°C for 25 µΩ and 50 µΩ
TCR Resistance Alloy***
< 50 ppm/°C
Inductance
< 10 nH
Resistance Tolerance
±5 %
** Terminal temperature
*** For full TCR range, refer to TCR curve.
Environmental Characteristics
Characteristic
Test Condition
D
TR Max.
Thermal Shock
-55 °C to +150 °C / 1000 cycles
±1.0 %
High Temperature Exposure
+170 °C / 1000 hours
±1.5 %
Low Temperature Storage
-65 °C / 24 hours
±0.5 %
Biased Humidity Test
+85 °C, 85 % RH, 10 % bias, 1000 hours
±0.5 %
Mechanical Shock
100 g, 6 milliseconds, 5 pulses
±0.5 %
Vibration, High Frequency
10-2000 Hz in 1 minute, 3 directions, 12 hours
±0.5 %
Load Life
+125 °C / 2000 hours at maximum current rating
±1.0 %
Solderability*
J-STD-002
95 % coverage min.
* Limited to dipping terminals.
How to Order
CSM 2F - 8536 - L050 J 2 1
Model
No. of Terminals & Style
Size (Metric)
Resistance Code (Milliohms)
“L” Represents Decimal Point
L050 = 50 MicroOhms
Resistance Tolerance
J = ±5 %
Number of Pins
2 or 3
Surface Finishing
1 = Tinned Terminals
Plated Sense Pins


Similar Part No. - CSM2F-8536

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CSM2F-8536 BOURNS-CSM2F-8536 Datasheet
633Kb / 4P
Current Sense Resistor w/Tinned Terminals
REV. 04/22
CSM2F-8536 BOURNS-CSM2F-8536 Datasheet
621Kb / 4P
Shunt Resistor with Sense Pins & Bare Copper Terminals
10/22
CSM2F-8536-0 BOURNS-CSM2F-8536-0 Datasheet
683Kb / 4P
Model CSM2F-8536 Series Current Sense Resistor w/Bare Copper Terminals
REV. 04/22
CSM2F-8536-1 BOURNS-CSM2F-8536-1 Datasheet
675Kb / 4P
Model CSM2F-8536 Series Current Sense Resistor w/Tinned Terminals
REV. 04/22
CSM2F-8536-2 BOURNS-CSM2F-8536-2 Datasheet
675Kb / 4P
Model CSM2F-8536 Series Current Sense Resistor / Fully Tinned
REV. 04/22
More results

Similar Description - CSM2F-8536

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSBS8518L5000JT35 VISHAY-WSBS8518L5000JT35 Datasheet
230Kb / 3P
Power Metal Strip® Shunt Resistor With Sense Pins, Low TCR (Down to < ± 10 ppm/°C), Very Low Value (100 μΩ, 500 μΩ, and 1000 μΩ)
09-Mar-17
WSBS8518L1000JT80 VISHAY-WSBS8518L1000JT80 Datasheet
108Kb / 3P
Power Metal Strip® Shunt Resistor With Three Sense Pins, Sn Plated Terminals, Very Low Value (50 μΩ, 100 μΩ, and 125 μΩ)
12-Mar-2021
logo
Bourns Electronic Solut...
CSM2F-6918 BOURNS-CSM2F-6918_V01 Datasheet
647Kb / 4P
Shunt Resistor with Sense Pins & Fully Tinned Terminals
10/22
CSM2F-7036 BOURNS-CSM2F-7036_V01 Datasheet
614Kb / 4P
Shunt Resistor with Sense Pins & Bare Copper Terminals
10/22
CSM2F-7036 BOURNS-CSM2F-7036_V02 Datasheet
618Kb / 4P
Shunt Resistor with Sense Pins & Tinned Terminals
10/22
CSM2F-7036 BOURNS-CSM2F-7036_V03 Datasheet
618Kb / 4P
Shunt Resistor with Sense Pins & Fully Tinned Terminals
10/22
CSM2F-8518 BOURNS-CSM2F-8518_V01 Datasheet
620Kb / 4P
Shunt Resistor with Sense Pins & Bare Copper Terminals
10/22
CSM2F-8518 BOURNS-CSM2F-8518_V02 Datasheet
612Kb / 4P
Shunt Resistor with Sense Pins & Tinned Terminals
10/22
CSM2F-8536 BOURNS-CSM2F-8536 Datasheet
633Kb / 4P
Current Sense Resistor w/Tinned Terminals
REV. 04/22
CSM2F-8536 BOURNS-CSM2F-8536_V01 Datasheet
621Kb / 4P
Shunt Resistor with Sense Pins & Bare Copper Terminals
10/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com