Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5902-13VC Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL5902-13VC
Description  Low IQ, Low Dropout 900mA Fixed Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5902-13VC Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL5902-13VC Datasheet HTML 9Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 10Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 11Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 12Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 13Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 14Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 15Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 16Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - May., 2005
APL5901/2
www.anpec.com.tw
13
SOT-223( Reference JEDEC Registration SOT-223)
B1
D
H
E
K
e
e1
A
c
L
A1
a
B
b
Millimeters
Inches
Dim
Min.
Max.
Min.
Max.
A
1.50
1.80
0.06
0.07
A1
0.02
0.08
B
0.60
0.80
0.02
0.03
B1
2.90
3.10
0.11
0.12
c
0.28
0.32
0.01
0.01
D
6.30
6.70
0.25
0.26
E
3.30
3.70
0.13
0.15
e
2.3 BSC
0.09 BSC
e1
4.6 BSC
0.18 BSC
H
6.70
7.30
0.26
0.29
L
0.91
1.10
0.04
0.04
K
1.50
2.00
0.06
0.08
α
0
°
10
°
0
°
10
°
β
13
°
13
°
Packaging Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com