Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5902-13VC Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5902-13VC
Description  Low IQ, Low Dropout 900mA Fixed Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5902-13VC Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5902-13VC Datasheet HTML 1Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 2Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 3Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 4Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 5Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 6Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 7Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 8Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - May., 2005
APL5901/2
www.anpec.com.tw
3
Symbol
Parameter
Rating
Unit
VIN, VOUT
Input Voltage or Out Voltage
6.5
V
SHDN
Shutdown Control Pin
6.5
V
RTH,JA
Thermal Resistance – Junction to Ambient
SOT-89 : 180
SOT-223 : 135
SO-8 : 150
TO-252 : 50
°C/W
RTH,JC
Thermal Resistance – Junction to Case
SOT-89 : 38
SOT-223 : 15
SO-8 : 20
TO-252 : 6
°C/W
PD
Power Dissipation
Internally Limited
W
TJ
Operating Junction Temperature
°C
Control Section
0 to 125
Power Transistor
0 to 150
TSTG
Storage Temperature Range
-65 to +150
°C
TL
Lead Temperature (Soldering, 10 second)
260
°C
Unless otherwise noted these specifications apply over full temperature, VIN=3.6V, CIN=1
µF, COUT=4.7µF,
SHDN=VIN, T
J=0 to 125°C. Typical values refer to T
J
=25
°C.
Absolute Maximum Ratings
Electrical Characteristics
APL5901/2
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
2.7
6
V
VOUT
Output Voltage
VOUT+1.0V< VCC<6.0V, 0mA< IOUT < IMAX VOUT -2% VOUT VOUT +2%
V
ILIMIT
Circuit Current Limit
VIN=4.3V
1.5
A
ISHORT
Short Current
VOUT=0V
200
mA
IOUT
Load Current
900
mA
REGLINE Line Regulation
VOUT+0.5V< VCC<6.0V, I = 1mA
4
10
mV
REGLOAD Load Regulation
VIN =VOUT+1.0V, 0mA< IOUT < IMAX
515X
1
0.1
6
mV
%
1.3V
≤VOUT<1.5V
1100
1300
1.5V
≤VOUT<2V
900
1050
2V
≤VOUT<2.5V
500
700
VDROP
Dropout Voltage
(Note2)
IOUT =900mA
2.5V
≤VOUT<3.4V
280
380
mV
PSRR
Ripple Rejection
F
≤1kHz, 1Vpp at V
IN = VOUT+1.0V
C
=10nf
55
65
dB
No load
50
100
IQ
Quiescent Current
IOUT=900mA
370
450
µA
Shutdown Supply
Current
(Note3)
Shutdown = low
IOUT=0, VCC =6.0V
0.01
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com