Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCR Datasheet(PDF) 2 Page - Littelfuse

Part # SCR
Description  Universal Lamp Alarm Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SCR Datasheet(HTML) 2 Page - Littelfuse

  SCR Datasheet HTML 1Page - Littelfuse SCR Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Flashers and Tower Lighting Controls
Tower and Obstruction Lighting Controls
www.littelfuse.com/scr
Rev: 1-A-062316
SCR SERIES
Selection Range
SCR430T
SCR630T
700 W
a. 620 W
b. 120 V
c.
c.
a.
116 W
130 V
4L
3L
2L
1L
116 W
4L
3L
2L
1L
1.
2.
a. Lamp Wattage - Select the lamp wattage of the lamps in use.
b. Lamp Voltage - Select the lamp voltage shown on the lamp
(SCR430T)
c. Lamps ON - Select the number of lamps on during normal
operation. Only one lamp switch at a time may be transferred
to the right.
Programming Example
SCR430T
SCR630T
700 W
a. 620 W
b. 120 V
c.
c.
a.
116 W
130 V
4L
3L
2L
1L
116 W
4L
3L
2L
1L
1.
2.
Example Shown: SCR430T-620 watts at 120 VAC lamps, two lamps
are ON during normal operation.
STEP
1. Select lamp wattage: 116 or 620 watts
2. Select the number of lamps ON (1 thru 4) during normal
operation. Only one lamp switch may be ON (RIGHT) at any time.
Specifications
Operation
Lamp Monitoring
Capacity (in lamps)
100W
116W
620W
700W
SCR430T 120VAC Lamps
4
4
4
n/a
SCR630T 230VAC Lamps
n/a
4
n/a
4
Time Delay
Trip Delay
Factory fixed ≅ 6s
Input
Input Voltage/Tolerance
SCR430T - 120VAC ±10%
SCR630T - 230VAC ±10%
AC Line Frequency
50/60Hz
Output
To operate a spare lamp or alarm
Line Voltage Output
(Solid-state Rated)
≤ 125W @ 120VAC
≤ 250W @ 240VAC
Isolated Alarm Output (SPDT) 10A @ 240VAC or 30VDC resistive;
1/4 hp @ 125VAC; 1/2 hp @ 250VAC
Mechanical
Mounting
Two #6 (M3.5 x 0.6) screws
Dimensions
H 88.9 mm (3.5”); W 63.5 mm (2.5”);
D 44.5 mm (1.75”)
Termination
Screws with captive clamps for up to 14 AWG
(2.45 mm2) wire
Protection
Circuitry
Encapsulated
Environmental
Operating Temperature
-55° to 65°C
Weight
≅ 6.8 oz (193 g)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com