Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCR Datasheet(PDF) 1 Page - Littelfuse

Part # SCR
Description  Universal Lamp Alarm Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SCR Datasheet(HTML) 1 Page - Littelfuse

  SCR Datasheet HTML 1Page - Littelfuse SCR Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Flashers and Tower Lighting Controls
Tower and Obstruction Lighting Controls
www.littelfuse.com/scr
Rev: 1-A-062316
Wiring Diagram
SCR SERIES
Universal Lamp Alarm Relay
Description
The SCR series is a universal lamp alarm relay designed to
sense the failure of flashing or steady incandescent beacon
lamps or steady side lights. The toroidal current sensor provides
isolation and allows monitoring of more than one line at a time.
The SCR Series energizes when one or more lamps fail. It will
monitor the operation of one to four side lights and up to four
beacon lamps.
Operation
When a lamp fails, the SCR Series senses a decrease in current
flow. After a fixed time delay, the LED glows and the two alarm
outputs energize. The outputs and the LED are reset when
the failed lamps are replaced and the current returns to the
nominal setting, or when the input voltage is removed. The SCR
will sense an open flasher, it will not sense a continuously ON
flasher (see FB Series).
Features & Benefits
FEATURES
BENEFITS
Toroidal current sensing
Provides isolation from the lighting circuit and
allows monitoring of multiple lines simultaneously
Monitors 1-4 side
lights or up to 4
beacon lamps
Senses failed incandescent flashing beacon or
steady obstruction lamps
Isolated, 10A, SPDT alarm
output plus one 1A,
solid-state line voltage
alarm output
Provides alarm indication and can also be used for
remote monitoring of the lighting system
Fixed trip delay (6s)
Prevents nuisance alarms
Switch selectable
number, voltage, and
wattage of lamps
User selectable to meet wide application needs
with one relay
(SCR430T only)
L1 N/L2
L1
N/L2
BEACON LAMP CONNECTION DIAGRAM
OBSTRUCTION LAMP CONNECTION DIAGRAM
V = Voltage
B = Beacon Lamps
SS = Selector Switch
T =Toroid
F = Flasher
AXL = Auxiliary
Load/Alarm
Relay contacts
are isolated.
V = Voltage
SS = Selector Switch
T =Toroid
AXL = Auxiliary
Load/Alarm
OL = Obstruction
Lamps
Relay contacts
are isolated.
Ordering Information
MODEL
INPUT
LAMP TYPE
SCR430T
120VAC
Incandescent
SCR630T
230VAC
Incandescent
If you don’t find the part you need, call us for a custom product 800-843-8848


Similar Part No. - SCR

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SCR KEMET-SCR Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Hammond Manufacturing L...
SCR HAMMOND-SCR Datasheet
54Kb / 1P
Generateur dair chaud haute puissance de 550-650 W
logo
Cornell Dubilier Electr...
SCR CDE-SCR Datasheet
269Kb / 4P
Type SCRN Film-Paper/Extended Foil Commutating Capacitor
logo
IDEM Safety Switches
SCR IDEM-SAFETY-SCR Datasheet
1Mb / 2P
Non Contact Magnetic Safety Switches
Jun 21
logo
Kemet Corporation
SCR-020-0R55A250 KEMET-SCR-020-0R55A250 Datasheet
689Kb / 4P
SCR Coils, High Impedance Type
More results

Similar Description - SCR

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9901 SUTEX-HV9901 Datasheet
75Kb / 6P
Universal Relay Driver
HV9901DB1 SUTEX-HV9901DB1 Datasheet
219Kb / 2P
Universal Relay Driver
logo
List of Unclassifed Man...
TDE1797 ETC-TDE1797 Datasheet
276Kb / 1P
LAMP AND RELAY DRIVERS
logo
Gamewell-FCI by Honeywe...
GW-UDACT GAMEWELL-FCI-GW-UDACT Datasheet
81Kb / 3P
Universal Digital Alarm Communication Transmitter
logo
Supertex, Inc
HV9901NG-G SUTEX-HV9901NG-G Datasheet
580Kb / 7P
Universal Relay Driver
logo
Microchip Technology
HV9901 MICROCHIP-HV9901 Datasheet
498Kb / 16P
Universal Relay Driver
06/23/16
logo
OEN India Limited
OEN92 OENINDIA-OEN92 Datasheet
321Kb / 2P
DUAL HEAD LAMP RELAY
logo
Littelfuse
SCR490D LITTELFUSE-SCR490D Datasheet
238Kb / 1P
Obstruction Lamp Alarm Relay
2016 Rev: 1-A-062316
SCR9L LITTELFUSE-SCR9L Datasheet
369Kb / 2P
Universal Lamp Alarm Relay
2016 Rev: 1-A-062316
FB120A LITTELFUSE-FB120A Datasheet
220Kb / 2P
Flasher & Incandescent Beacon Alarm Relay
Rev: 1-A-062316
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com