Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECON Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ECON
Description  Low Cost USB Data Acquisition Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ECON Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ECON Datasheet HTML 2Page - List of Unclassifed Manufacturers ECON Datasheet HTML 3Page - List of Unclassifed Manufacturers ECON Datasheet HTML 4Page - List of Unclassifed Manufacturers ECON Datasheet HTML 5Page - List of Unclassifed Manufacturers ECON Datasheet HTML 6Page - List of Unclassifed Manufacturers ECON Datasheet HTML 7Page - List of Unclassifed Manufacturers ECON Datasheet HTML 8Page - List of Unclassifed Manufacturers ECON Datasheet HTML 9Page - List of Unclassifed Manufacturers ECON Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
(508) 946-5100
8
info@mccdaq.com
mccdaq.com
The DT9817-R can switch up to 30 V at 400 mA. It
features 8 dedicated digital input lines and 8 dedicated
digital output lines. This module includes channel-to-
channel isolation of up to 500 V (250 V between digital
input channels that are paired in an opto-isolator).
The DT9817-H and DT9817-R are ideal for solid state or
mechanical relays.
Multifunction Counter/Timers
The DT9816 modules support one 16-bit counter/timer
channel. All other modules feature one 32-bit counter/
timer (16 bits in rate generation mode). The counter
accepts a counter/timer clock input signal (pulse input
signal) and gate input signal, and outputs a pulse signal
(clock output signal). You can perform event counting,
frequency measurement, edge-to-edge measurement
(not supported by DT9816 modules), and rate generation
(continuous pulse output) operations using this counter/
timer.
Synchronizing Multiple Modules
You can synchronize the analog input operations of
multiple DT9812, DT9813, DT9814, and DT9816 Series
modules by connecting the output of the counter/timer
from one module to the clock input of the next module
as shown in the diagram on the right.
Easy Signal Connections
Built-in screw terminals on the module allow easy and
direct signal connections. No extra accessories are
required. Simply wire your signals to the module and
you’re all set. For OEM users, the board-only versions of
the DT9812-10V-OEM provides two, 20-pin connectors to
accommodate all I/O signals.
Cross-Series Compatibility
Virtually all Data Translation data acquisition modules
are compatible with the DT-Open Layers® software
standard. This means any application developed with
one of Data Translation’s software products can easily be
upgrade to a new Data Translation module with little to
no reprogramming needed.
You can synchronize the analog I/O operations of multiple
modules by connecting them together.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com