Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECON Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ECON
Description  Low Cost USB Data Acquisition Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ECON Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ECON Datasheet HTML 1Page - List of Unclassifed Manufacturers ECON Datasheet HTML 2Page - List of Unclassifed Manufacturers ECON Datasheet HTML 3Page - List of Unclassifed Manufacturers ECON Datasheet HTML 4Page - List of Unclassifed Manufacturers ECON Datasheet HTML 5Page - List of Unclassifed Manufacturers ECON Datasheet HTML 6Page - List of Unclassifed Manufacturers ECON Datasheet HTML 7Page - List of Unclassifed Manufacturers ECON Datasheet HTML 8Page - List of Unclassifed Manufacturers ECON Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
Low Cost USB Data Acquisition
Modules
ECONseries
Overview
The ECONseries is a flexible yet economical series of
multifunction DAQ modules. You choose the number of
analog I/O and digital I/O channels, the resolution you
need, and the signal range of your application.
Key Features
• Ultimate flexibility with up to 24 analog inputs,
2 analog outputs, 28 digital I/O, and one 32-bit
counter timer
• 10-, 12-, or 16-bit resolution
• Independent subsystem operation at sample rates
up to 750 kS/s per channel
• Simultaneous analog inputs on the DT9816 modules
• Signal range of ±10 V on both the analog input and
analog output
• Generate sine, rectangle, triangle, or DC waveforms
with the analog outputs
• Three versions of digital I/O modules: isolated, non-
isolated, and high current drive
• Monitor and control up to 28 digital I/O lines
• Perform event counting, frequency measurement,
edge-to-edge measurement, and rate generation
• Shielded, rugged enclosure for noise immunity, with
built-in screw terminals
• Easy signal connections on the DT9812-10V-OEM
with two 20-pin connectors for all I/O signals
• All modules run off USB power supply, no external
power supply needed
• Includes free QuickDAQ software to get up and
running quickly (does not support DIO)
Module
Analog
Inputs
Resolution
I/O Range
Analog Input
Sample Rate
Analog
Outputs
Analog Output
Update Rate
Digital I/O
Counter/
Timer
DT9810
8 SE
10-bit
0 V to 2.44 V
25 kS/s aggregate
—
—
20 I/O
1
DT9812-10V
8 SE
12-bit
±10 V, ±5 V, ±2.5 V, ±1.25 V
50 kS/s aggregate
2
50 kS/s
8 in/8 out
1
DT9812A
8 SE
12-bit
±10 V, ±5 V, ±2.5 V, ±1.25 V 100 kS/s aggregate
2
75 kS/s
8 in/8 out
1
DT9813-10V
16 SE
12-bit
±10 V, ±5 V, ±2.5 V, ±1.25 V
50 kS/s aggregate
2
50 kS/s
4 in/4 out
1
DT9813A
16 SE
12-bit
±10 V, ±5 V, ±2.5 V, ±1.25 V 100 kS/s aggregate
2
75 kS/s
4 in/4 out
1
DT9814-10V
24 SE
12-bit
±10 V, ±5 V, ±2.5 V, ±1.25 V
50 kS/s aggregate
2
50 kS/s
—
1
DT9816
6 SE
16-bit
±10 V or ±5 V
50 kS/s per ch
—
—
8 in/8 out
1
DT9816-A
6 SE
16-bit
±10 V or ±5 V
150 kS/s per ch
—
—
8 in/8 out
1
DT9816-S
6 SE
16-bit
±10 V or ±5 V
750 kS/s per ch
—
—
8 in/8 out
1
DT9817-H
—
—
—
—
—
—
28 I/O
high drive
1
DT9817-R
—
—
—
—
—
—
8 in/8 out
Isolated
high drive
1
Supported Operating Systems
• Windows® 10/8/7/Vista®/XP 32/64-bit
Analog Inputs
The DT9810 provides 10-bit resolution, while the DT9812,
DT9813, and DT9814 modules provide 12-bit resolution.
For maximum resolution, the DT9816 modules provide
16-bit resolution.
The DT9810 and DT9812 modules provide eight single-
ended (SE) analog input channels. The DT9813 modules
provide 16 single-ended analog inputs. The DT9814
modules provide 24 single-ended analog input channels.
The modules can acquire data from a single analog input
channel or from a group of analog input channels.
The ECONseries provides
economical, multifunction data
acquisition instruments for the USB
bus. Simply install the software,
connect your module to any USB port,
and measure.


Similar Part No. - ECON

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ECONOPACK3 INFINEON-ECONOPACK3 Datasheet
74Kb / 4P
IGBT Chip in NPT-technology
Edition 2, 03.09.2003
More results

Similar Description - ECON

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAS1151 AD-DAS1151_15 Datasheet
1Mb / 4P
LOW LEVEL INPUT 12 BIT DATA ACQUISITION MODULES
logo
Keysight Technologies
U2331A KEYSIGHT-U2331A Datasheet
2Mb / 25P
USB Modular Multifunction Data Acquisition Devices
U2351A KEYSIGHT-U2351A Datasheet
2Mb / 25P
USB Modular Multifunction Data Acquisition Devices
U2352A KEYSIGHT-U2352A Datasheet
2Mb / 25P
USB Modular Multifunction Data Acquisition Devices
U2353A KEYSIGHT-U2353A Datasheet
2Mb / 25P
USB Modular Multifunction Data Acquisition Devices
U2354A KEYSIGHT-U2354A Datasheet
2Mb / 25P
USB Modular Multifunction Data Acquisition Devices
U2355A KEYSIGHT-U2355A Datasheet
2Mb / 25P
USB Modular Multifunction Data Acquisition Devices
U2356A KEYSIGHT-U2356A Datasheet
2Mb / 25P
USB Modular Multifunction Data Acquisition Devices
U2901A KEYSIGHT-U2901A Datasheet
2Mb / 25P
USB Modular Multifunction Data Acquisition Devices
U2902A KEYSIGHT-U2902A Datasheet
2Mb / 25P
USB Modular Multifunction Data Acquisition Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com