Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-DIO24/37 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # USB-DIO24/37
Description  USB-DIO24, -1024, and -DIO96H Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-DIO24/37 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  USB-DIO24/37 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-DIO24/37 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-DIO24/37 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-DIO24/37 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-DIO24/37 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-DIO24/37 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-DIO24/37 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Measurement Computing
(508) 946-5100
4
info@mccdaq.com
mccdaq.com
USB Digital I/O
Signal Conditioning Accessories
For digital signal conditioning, connect to Measurement Com-
puting relay mounting and interface boards:
CIO-ERB08 and CIO-SERB08
The CIO-ERB08 is a relay accessory board that includes 8 Form
C relays. The CIO-SERB08 provides similar functionality with
socketed relays. Both accessory boards have two 37-pin connec-
tors for interfacing with USB-DIO24 Series hardware.
• Connect to the USB-DIO24 Series with a C37FF-x cable.
CIO-ERB24 and CIO-SERB24/FD
The CIO-ERB24 is a relay accessory board that includes 24 Form
C relays. The CIO-SERB24/FD provides similar functionality with
socketed relays and fault detection. Both accessory boards have
a 37-pin D-type connector and a 50-pin header connector for
interfacing with USB-DIO24 Series and USB-DIO96H/50 devices.
• Connect to the USB-DIO24 Series with a C37FF-x cable.
• Connect to the USB-DIO96H/50 with C50FF-x cables.
CIO-ERB48 and CIO-SERB48
The CIO-ERB48 is a relay accessory board that includes 48 Form
C relays. The CIO-SERB48 provides similar functionality with
socketed relays Both accessory boards have a 50-pin header
connector for interfacing with the USB-DIO96H/50.
• Connect to the USB-DIO96H/50 with C50FF-x cables.
SSR-RACK08
The SSR-RACK08 is a relay accessory board that provides mount-
ing locations for eight Gordos or Opto 22 type solid-state I/O
modules. The board has two 37-pin D connectors for interfacing
with USB-DIO24 Series hardware.
• Connect to the USB-DIO24 Series with a C37FF-x cable.
SSR-RACK24
The SSR-RACK24 is a relay accessory board that provides
mounting locations for 24 Gordos or Opto 22 type solid-state
I/O modules. The board has one 37-pin D connector and two
50-pin header connectors for interfacing with USB-DIO24 Series
and USB-DIO96H/50 hardware.
• Connect to the USB-DIO24 Series with a C37FF-x cable.
• Connect to the USB-DIO96H/50 with C50FF-x cables.
SSR-RACK48
The SSR-RACK48 is a high-density relay accessory board that
provides mounting locations for 12 quad relays. The board
has one 50-pin header connector for interfacing with the
USB-DIO96H/50.
• Connect to the USB-DIO96H/50 with C50FF-x cables.
Specifications: USB-DIO24/37 and
USB-DIO24H/37
Digital Input/Output
Digital type
USB-DIO24: 82C55
USB-DIO24H/37
Input: 74ACT373
Output: 74FCT244
Number of I/O: 24 (Port A Bit 0 through Port C Bit7)
Configuration: 2 banks of 8 and 2 banks of 4, or 3 banks of 8
Pull-up/down configuration: all pins pulled up to 5V via 47 k
Ω resistors (default).
Selection available for pull down to ground. Hardware selectable via 0
Ω resistor.
Input high voltage: 2.0 V min, 5.5 V absolute max
Input low voltage: 0.8 V max, –0.5 V absolute min
Output high voltage
USB-DIO24/37 (IOH = –2.5 mA): 3.0 V min
USB-DIO24H/37 (IOH = –15 mA): 2.4 V min
Output low voltage
USB-DIO24/37 (IOH = –2.5 mA): 0.4 V max
USB-DIO24H/37 (IOH = 64 mA): 0.55 V max
Source current (USB-DIO24H/37)
Self-powered hub or externally powered root port hub: 15 mA per output,
max. Bus-powered or battery-powered root port hubs are not supported.
Sink current (USB-DIO24H/37):
365 mA/(number of outputs), max. 64 mA max sink current for any single
output. A low-side resettable fuse protects the USB-DIO24H/37. This is designed
to protect the host PC or hub from an over current condition. Assuming all
return currents in sinking applications return via the USB cable ground signal,
the maximum allowable return current is 500 mA. Include the USB-DIO24H/37
unloaded operating current (135 mA) in your power budget.
Power up / reset state: Input mode
Counter
Pin name: CTR; Schmitt trigger input.
Counter type: Event counter
Number of channels: 1
Input type: TTL, rising edge triggered
Input source: CTR screw terminal
Resolution: 32 bits
Schmidt trigger hysteresis: 20 mV to 100 mV
Input leakage current: ±1 µA
Maximum input frequency: 1 MHz
High pulse width: 500 ns min
Low pulse width: 500 ns min
Input low voltage: 0 V min, 1.0 V max
Input high voltage: 4.0 V min, 15.0 V max
Data Transfer Rates
Digital I/O transfer rates (software paced)
Digital input: 62 port reads or single bit reads per second (typ)
Digital output: 125 port writes or single bit writes per second (typ)
Counter/timer read/write rates (software paced)
Counter read: 62 port reads per second (typ)
Counter clear: 125 port writes per second (typ)
Power
Supply current:
USB-DIO24/37: 20 mA typ, 40 mA max. (Total current requirement; includes
up to 5 mA for the status LED.)
USB-DIO24H/37: 100 mA typ, 135 mA max. (Total current; no load)
USB +5V power available
Connected to self-powered hub
USB-DIO24/37: 4.5 V min, 5.25 V max
USB-DIO24H/37: (350 mA) – (total output source current)
Connected to bus-powered hub
USB-DIO24/37: 4.1 V min, 5.25 V max
USB-DIO24H/37: 4.75 V min, 5.25 V max
Self-powered refers to USB hubs/hosts with a power supply. Bus-powered refers to
USB hubs/hosts without a power supply. Bus-powered hubs provide downstream
USB power as low as 4.4 V. Guaranteed performance requires a minimum supply
voltage of 4.75 V. Self-powered and root port hubs meet this minimum.
Specifications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com