Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-DIO24/37 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # USB-DIO24/37
Description  USB-DIO24, -1024, and -DIO96H Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-DIO24/37 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  USB-DIO24/37 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-DIO24/37 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-DIO24/37 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-DIO24/37 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-DIO24/37 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-DIO24/37 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-DIO24/37 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Measurement Computing
(508) 946-5100
7
info@mccdaq.com
mccdaq.com
USB Digital I/O
October 2018. Rev 4
DS USB-DIO
© Measurement Computing Corporation
Software also Available from MCC
Part No.
Description
TracerDAQ Pro
Out-of-the-box virtual instrument suite with strip chart,
oscilloscope, function generator, and rate generator –
professional version
DASYLab
Icon-based data acquisition, graphics, control, and analysis
software
Ordering Information
Signal Conditioning Options
Part No.
Description
CIO-ERB08
Electromechanical relay accessory, Form C, 5.6 A
(SPDT), two 37-pin connectors, 8 channels. Use with the
USB-DIO24 Series.
CIO-ERB24
Electromechanical relay accessory, Form C, 4.3 A
(SPDT), 37/50-pin connectors, 24 channels. Use with the
USB-DIO24 Series and USB-DIO96H/50
CIO-ERB48
Electromechanical relay accessory, Form C, 4.3 A (SPDT)
for digital I/O boards, 50-pin connector,
48 channels. Use with the USB-DIO96H/50.
CIO-SERB08
Electromechanical socketed relay accessory, Form C, 5 A
(SPDT), two 37-pin connectors, 8-channels. Use with the
USB-DIO24 Series.
CIO-SERB24/
FD
Electromechanical socketed relay accessory, Form C,
4.3 A (SPDT), fault detecting, 37/50-pin connectors,
24 channels. Use with the USB-DIO96H/50.
CIO-SERB48
Electromechanical socketed relay accessory, Form C,
7.5 A (SPDT), 50-pin connectors, 48 channels. Use with
the USB-DIO96H/50.
SSR-4-IAC-05
Solid-state relay, quad, VAC input, 90 to 140 Vrms/VDC
SSR-I-IAC-05
Solid-state relay module, single, AC sense, 90 to 140 VAC
SR-IDC-05
Solid-state relay module, single, DC sense, 3 to
32 VDC
SSR-IAC-05A
Solid-state relay module, single, AC sense, 180 to
280 VAC/VDC
SSR-IDC-05NP
Solid-state relay module, single, DC sense, 10 to
32 VDC non-polarized digital inputs
SSR-OAC-05
Solid-state relay module, single, AC switch, 24 to
140 VAC, 3.5 A @ 120 VAC
SSR-OAC-05A
Solid-state relay module, single, AC switch, 24 to
280 VAC, 3.5 A @ 240 VAC
SSR-ODC-05
Solid-state relay module, single, DC switch, 1 to
60 VDC @ 3.5 A
SSR-ODC-05A
Solid-state relay module, single, DC switch, 4 to
200 VDC, 1 A
SSR-RACK08
Solid-state relay backplane for Gordos/OPTO-22 type
relays, with two 37-pin connectors; 8-channel. Use with
the USB-DIO24 Series.
SSR-RACK24
Solid-state relay backplane for Gordos/OPTO-22 type
relays, with 37/50-pin connectors; 24-channel. Use with
the USB-DIO24 Series and USB-DIO96H Series.
SSR-RACK48
Solid-state relay backplane for quad relays, with one
50-pin connector; 48-channel (12 quads). Use with the
USB-DIO96H/50.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com