Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR-RACK48 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SSR-RACK48
Description  USB-DIO24, -1024, and -DIO96H Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSR-RACK48 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SSR-RACK48 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSR-RACK48 Datasheet HTML 2Page - List of Unclassifed Manufacturers SSR-RACK48 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSR-RACK48 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSR-RACK48 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSR-RACK48 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSR-RACK48 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Measurement Computing
(508) 946-5100
2
info@mccdaq.com
mccdaq.com
USB Digital I/O
PORT A (7:0)
High-drive 82C55 Emulation (USB-DIO24H/37)
82C55 (USB-DIO24/37)
PORT B (7:0)
PORT CH (3:0)
PORT CL (3:0)
PORT A
8
PORT B
PORT CH
PORT CL
USB
Microcontroller
32-bit
Event Counter
500 mA
USB 2.0
1
USB-DIO24 Series and USB-1024 Series Block Diagram
FIRSTPORTA
FIRSTPORTB
HIGH DRIVE
FIRSTPORT
FIRSTPORTCH
SECONDPORTA
SECONDPORTB
HIGH DRIVE
SECONDPORT
THIRDPORTA
THIRDPORTB
HIGH DRIVE
THIRDPORT
THIRDPORTCH
FOURTHPORTA
FOURTHPORTB
HIGH DRIVE
FOURTHPORT
FOURTHPORTCH
FIRSTPORTCL
SECONDPORTCH
SECONDPORTCL
THIRDPORTCL
FOURTHPORTCL
8
8
4
4
8
8
4
4
8
8
4
4
8
8
4
4
24
24
24
24
96
500 mA
USB 2.0
compliant
interface
32-bit
event counter
1 channel
1
Power
Switch
Power
Monitor
5V nominal
External
Power
Logic
Controller
(CPLD)
8
USB
Microcontroller
USB-DIO96H Series Block Diagram
Counter Input
The USB-DIO24 Series, USB-1024 Series, and USB-DIO96H pro-
vide a 32-bit event counter to count TTL pulses. The counter
accepts inputs up to 1 MHz.
Power
Power to the USB-DIO24 Series and USB-1024 Series is supplied
by the +5 volt USB supply from your computer. No external
power is required.
Power to the USB-DIO96H Series is provided by an external
+5 volt regulated power supply. An onboard Molex connector
is available to connect an alternate user-supplied power supply.
Features



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com