Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR-RACK48 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SSR-RACK48
Description  USB-DIO24, -1024, and -DIO96H Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSR-RACK48 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SSR-RACK48 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSR-RACK48 Datasheet HTML 2Page - List of Unclassifed Manufacturers SSR-RACK48 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSR-RACK48 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSR-RACK48 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSR-RACK48 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSR-RACK48 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Measurement Computing
(508) 946-5100
5
info@mccdaq.com
mccdaq.com
USB Digital I/O
Output current (USB-DIO24/37)
Connected to self-powered hub: 460 mA max
Connected to bus-powered hub: 60 mA max. This is the total amount of current
that can be sourced from the USB +5V and digital outputs.
Over-current protection (USB-DIO24H/37); resettable fuse
Hold current: 350 mA, typ
Trip current: 700 mA typ
Trip/recovery time: 100 ms, max
On resistance: 1.3 Ω max
General
USB controller clock error:
25 °C: ±30 ppm max
0 °C to 70 °C: ±50 ppm max
Device type: USB 1.1 low-speed
Device compatibility: USB 1.1, USB 2.0
Environmental
Operating temperature range: 0 °C to 70 °C
Storage temperature range: –40 °C to 85 °C
Humidity: 0% to 90% non-condensing
Mechanical
Dimensions (L×W×H): 119 × 84 × 14 mm (4.68 × 3.31 × 0.55 in.)
USB cable length: 3 m (9.8 ft)
USB cable type: A-B cable, UL type AWM 2725 or equivalent.
Min 24 AWG VBUS/GND, min 28 AWG D+/D–
Specifications: USB-1024LS and
USB-1024HLS
Digital Input/Output
Digital type
USB-1024LS: 82C55
USB-1024HLS
Input: 74ACT373
Output: 74FCT244
Number of I/O: 24 (Port A Bit 0 through Port C Bit7)
Configuration: 2 banks of 8 and 2 banks of 4, or 3 banks of 8
Pull up/pull-down configuration:
All pins pulled up to 5V via 47 kΩ resistors (default). Selection available for pull
down to ground. Hardware selectable via zero Ω resistor.
Input high voltage: 2.0 V min, 5.5 V absolute max
Input low voltage: 0.8 V max, –0.5 V absolute min
Output high voltage
USB-1024LS (IOH = –2.5 mA): 3.0 V min
USB-1024HLS (IOH = –15 mA): 2.4 V min
Output low voltage
USB-1024LS (IOH = –2.5 mA): 0.4 V max
USB-1024HLS (IOH = 64 mA): 0.55 V max
Source current (USB-1024HLS)
Self-powered hub or externally powered root port hub: 15 mA per output,
max. Bus-powered or battery-powered root port hubs are not supported.
Sink current (USB-1024HLS):
365 mA/(number of outputs), max. 64 mA max sink current for any single
output. A low-side resettable fuse protects the USB-1024HLS. This is designed
to protect the host PC or hub from an over current condition. Assuming all
return currents in sinking applications return via the USB cable ground signal,
the maximum allowable return current is 500 mA. Include the USB-1024HLS
unloaded operating current (135 mA) in your power budget.
Power up / reset state: Input mode (high impedance)
Counter
Pin name: CTR; Schmitt trigger input.
Counter type: Event counter
Number of channels: 1
Input type: TTL, rising edge triggered
Input source: CTR screw terminal
Resolution: 32 bits
Schmidt trigger hysteresis: 20 mV to 100 mV
Input leakage current: ±1 µA
Maximum input frequency: 1 MHz
High pulse width: 500 ns min
Low pulse width: 500 ns min
Input low voltage: 0 V min, 1.0 V max
Input high voltage: 4.0 V min, 15.0 V max
Power
Supply current
USB-1024LS: 20 mA typ, 40 mA max. (Total current requirement; includes up
to 5 mA for the status LED.)
USB-1024HLS: 80 mA typ, 135 mA max. (Total current requirement; no load)
Input power requirements
USB-1024HLS: 4.75 V min, 5.25 V max.
Bus-powered hubs provide downstream USB power as low as 4.4 V. Guaranteed
performance requires a minimum supply voltage of 4.75 V. Self-powered and
root port hubs meet this minimum.
USB +5V power available
Connected to self-powered hub
USB-1024LS: 4.5 V min, 5.25 V max
USB-1024HLS: 4.4 V min, 5.25 V max
Self-powered refers to USB hubs and hosts with a power supply.
Connected to bus-powered hub
USB-1024LS: 4.1 V min, 5.25 V max
Bus-powered refers to USB hubs and hosts without their own power supply.
Output current
Connected to self-powered hub
USB-1024LS: 460 mA max
USB-1024HLS: (350 mA) – (total output source current)
Connected to bus-powered hub
USB-1024LS: 60 mA max. This is the total amount of current that can be
sourced from the USB +5V and digital outputs.
Over-current protection (USB-1024HLS); resettable fuse
Hold current: 350 mA, typ
Trip current: 700 mA typ
Trip/recovery time: 100 ms, max
On resistance: 1.3 Ω max
General
USB controller clock error:
25 °C: ±30 ppm max
0 °C to 70 °C: ±50 ppm max
Device type: USB 1.1 low-speed
Device compatibility: USB 1.1, USB 2.0
Environmental
Operating temperature range: 0 °C to 70 °C
Storage temperature range: –40 °C to 70 °C
Humidity: 0% to 90% non-condensing
Mechanical
Dimensions (L×W×H): 79 × 82 × 25 mm (3.11 × 3.23 × 0.98 in.)
USB cable length: 3 m (9.8 ft)
USB cable type: A-B cable, UL type AWM 2725 or equivalent.
Min 24 AWG VBUS/GND, min 28 AWG D+/D–
Specifications: USB-DIO96H and
USB-DIO96H/50
Digital Input/Output
Output: 74ABT244A
Input: 74ACT373;
USB-DIO96H hardware revision G and later: 74LCX24
Configuration: Eight banks of 8, eight banks of 4, programmable by bank as
input or output
Pull-up/down: High impedance pull-up/down selectable with DIP switch for
each digital input port.
Number of I/O: 96
Output high: 2.0 V min @ –24 mA
Output low: 0.5 V max @ 64 mA
Input high: 2.0 V min, 5.5 V max
Input low: 0.8 V max, –0.5 V absolute min
Input impedance: 47 kΩ (series resistance)
Source current: 24 mA per output max
Specifications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com