Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA186DBVT Datasheet(PDF) 28 Page - Texas Instruments

Part # OPA186DBVT
Description  OPAx186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA186DBVT Datasheet(HTML) 28 Page - Texas Instruments

Back Button OPA186DBVT Datasheet HTML 24Page - Texas Instruments OPA186DBVT Datasheet HTML 25Page - Texas Instruments OPA186DBVT Datasheet HTML 26Page - Texas Instruments OPA186DBVT Datasheet HTML 27Page - Texas Instruments OPA186DBVT Datasheet HTML 28Page - Texas Instruments OPA186DBVT Datasheet HTML 29Page - Texas Instruments OPA186DBVT Datasheet HTML 30Page - Texas Instruments OPA186DBVT Datasheet HTML 31Page - Texas Instruments OPA186DBVT Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Lastly, some notes about maximizing the high-side current monitor performance:
• All resistor values are critical for accurate gain results. Match resistor pairs of [R1 and R3] and [R2 and R4]
as closely as possible to minimize common-mode mismatch error. Use a 0.1% tolerance, or better. Often,
selecting two adjacent resistors on a reel provides close matching compared to random selection.
• Keep the closed-loop gain, GA, of the OPAx186 difference amplifier set to a reasonable value to reduce gain
error and maximize bandwidth. A GA of 30 V/V is used in the example.
• Although current monitoring is often used for monitoring dc supply currents, ac current can also be monitored.
The –3-dB bandwidth, or upper cutoff frequency, of the circuit is:
H
GBW
f
Noise Gain
(4)
where
• GBW is the amplifier unity gain bandwidth; 750 kHz for the OPAx186.
• Equation 5 shows that the noise gain is equal to the gain as seen looking into the op-amp noninverting input,
as shown in .
NG
R2
G
1
R1
(5)
For the OPAx186 circuit in Figure 8-3, the results are:
:
:
NG
H
30 k
V
G
1
31
1 k
V
750 kHz
f
24.2 kHz
31
Make sure that the amplifier slew rate is sufficient to support the expected output voltage swing range and
waveform. Also, if a single power supply (such as 24 V) is used, the ac power source applied to the sense input
must have a positive dc component to keep the VCM greater than 0 V. To maintain normal operation, the input
voltage cannot drop to less than 0 V.
The OPAx186 output can attain a 0 V output level if a small negative voltage is used to power the V– pin
instead of ground. The LM7705 is a switched capacitor voltage inverter with a regulated, low-noise, –0.23-V
fixed voltage output. Powering the OPAx186 V– pin at this level approximately matches the 300
‑mV linear output
voltage swing lower limit, thus extending the output swing to 0 V, or very near 0 V. This configuration greatly
improves the resolution at low sense current levels.
The LM7705 requires only about 78 μA of quiescent current, but be aware that the specified supply range is 3 V
to 5.25 V. The 3.3-V or 5-V supply used by the ADC can be used as a power source.
For more information about amplifier-based, high-side current monitors, see the TI Analog Engineer’s Circuit
Cookbook: Amplifiers.
OPA186, OPA2186, OPA4186
SBOS968B – JUNE 2022 – REVISED DECEMBER 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA186 OPA2186 OPA4186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com