Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA186DBVT Datasheet(PDF) 26 Page - Texas Instruments

Part # OPA186DBVT
Description  OPAx186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA186DBVT Datasheet(HTML) 26 Page - Texas Instruments

Back Button OPA186DBVT Datasheet HTML 22Page - Texas Instruments OPA186DBVT Datasheet HTML 23Page - Texas Instruments OPA186DBVT Datasheet HTML 24Page - Texas Instruments OPA186DBVT Datasheet HTML 25Page - Texas Instruments OPA186DBVT Datasheet HTML 26Page - Texas Instruments OPA186DBVT Datasheet HTML 27Page - Texas Instruments OPA186DBVT Datasheet HTML 28Page - Texas Instruments OPA186DBVT Datasheet HTML 29Page - Texas Instruments OPA186DBVT Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
8.2.1.2 Detailed Design Procedure
Designing a high-side current monitor circuit is straightforward, provided that the amplifier electrical
characteristics are carefully considered so that linear operation is maintained. Other additional characteristics,
such as the input voltage range of the analog to digital converter (ADC) that follows the current monitor stage,
must also be considered when configuring the system.
For example, consider the design of a OPAx186 high-side current monitor with an output voltage range set to be
compatible with the input of an ADC with an input range of 3.3 V, such as one integrated in a microcontroller.
The full-scale input range of this converter is 0 V to 3.3 V. Although the OPAx186 is specified as a rail-to-rail
input/output (RRIO) amplifier, the linear output operating range (like all amplifiers) does not quite extend all the
way to the supply rails. This linear operating range must be considered.
In this design example, the OPAx186 is powered by 24 V; therefore, the device is easily capable of providing the
3.3-V positive level; or even more, if the ADC has a wider input range. However, because the OPAx186 output
does not swing completely to 0 V, the specified lower swing limit must be observed in the design.
The best measure of an op-amp linear output voltage range comes from the open-loop voltage gain (AOL)
specification listed in the Electrical Characteristics table. The AOL test conditions specify a linear swing range
300 mV from each supply rail (RL = 10 kΩ). Therefore, the linear swing limit on the low end (VoMIN) is 300 mV,
and 3.3 V is the VoMAX limit, thus yielding an 11:1 VoMAX to VoMIN ratio. This ratio proves important in determining
the difference amplifier operating parameters.
A nominal load current (IL) of 10 A is used in this example. In most applications, however, the ability to monitor
current levels far less than 10 A is useful. This situation is where the 11:1 VoMAX to VoMIN ratio is crucial. If 11 A
is set as the maximum current, this current must correspond to a 3.3-V output. Using the 11:1 ratio, the minimum
current of 1 A corresponds to 300 mV.
Selection of current sense resistor RS comes down to how much voltage drop can be tolerated at maximum
current and the permissible power loss or dissipation. A good compromise for a 10-A sense application is an RS
of 10 mΩ. That value results in a power dissipation of 1 W, and a 0.1-V drop at 10 A.
Next, determine the gain of the OPAx186 difference amplifier circuit. The maximum current of 11 A flowing
through a 10-mΩ sense resistor results in 110 mV across the resistor. That voltage appears as a differential
voltage, VR, that is applied across the OPAx186 difference amplifier circuit inputs:
:
S
L
S
S
V
I * R
V
11 A * 10 m
110 mV
(1)
The OPAx186 required voltage gain is determined from:
OMAX
A
S
A
V
G
V
3.3 V
V
G
30
0.11 V
V
(2)
Now, checking the VoMIN using IL = 1 A:
:
OMIN
A
SMIN
S
OMIN
V
G
* I
* R
V
V
30
* 1 A * 10 m
300 mV
V
(3)
OPA186, OPA2186, OPA4186
SBOS968B – JUNE 2022 – REVISED DECEMBER 2022
www.ti.com
26
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA186 OPA2186 OPA4186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com