Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7074 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW7074
Description  Synchronous Buck PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7074 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW7074 Datasheet HTML 9Page - Anpec Electronics Coropration APW7074 Datasheet HTML 10Page - Anpec Electronics Coropration APW7074 Datasheet HTML 11Page - Anpec Electronics Coropration APW7074 Datasheet HTML 12Page - Anpec Electronics Coropration APW7074 Datasheet HTML 13Page - Anpec Electronics Coropration APW7074 Datasheet HTML 14Page - Anpec Electronics Coropration APW7074 Datasheet HTML 15Page - Anpec Electronics Coropration APW7074 Datasheet HTML 16Page - Anpec Electronics Coropration APW7074 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Feb., 2006
APW7074
www.anpec.com.tw
13
Application Information (Cont.)
where Fs is the switching frequency of the regulator.
Although increase of the inductor value and frequency
reduces the ripple current and voltage, a tradeoff will
exist between the inductor’s ripple current and the
regulator load transient response time.
A smaller inductor will give the regulator a faster load
transient response at the expense of higher ripple
current. Increasing the switching frequency (F
S) also
reduces the ripple current and voltage, but it will
increase the switching loss of the MOSFET and the
power dissipation of the converter. The maximum ripple
current occurs at the maximum input voltage. A good
starting point is to choose the ripple current to be
approximately 30% of the maximum output current.
Once the inductance value has been chosen, select
an inductor that is capable of carrying the required
peak current without going into saturation. In some
types of inductors, especially core that is made of
ferrite, the ripple current will increase abruptly when it
saturates. This will result in a larger output ripple
voltage.
Output Capacitor Selection
Higher capacitor value and lower ESR reduce the
output ripple and the load transient drop. Therefore,
selecting high performance low ESR capacitors is
intended for switching regulator applications. In some
applications, multiple capacitors have to be parallel to
achieve the desired ESR value. A small decoupling
capacitor in parallel for bypassing the noise is also
recommended, and the voltage rating of the output
capacitors also must be considered. If tantalum
capacitors are used, make sure they are surge tested
by the manufactures. If in doubt, consult the capacitors
manufacturer.
Input Capacitor Selection
The input capacitor is chosen based on the voltage
rating and the RMS current rating. For reliable
operation, select the capacitor voltage rating to be at
least 1.3 times higher than the maximum input voltage.
The maximum RMS current rating requirement is
approximately I
OUT/2, where IOUT is the load current.
During power up, the input capacitors have to handle
large amount of surge current. If tantalum capacitors
are used, make sure they are surge tested by the
manufactures. If in doubt, consult the capacitors
manufacturer. For high frequency decoupling, a ceramic
capacitor 1uF can be connected between the drain of
upper MOSFET and the source of lower MOSFET.
MOSFET Selection
The selection of the N-channel power MOSFETs are
determined by the R
DS(ON), reverse transfer capacitance
(C
RSS) and maximum output current requirement. There
are two components of loss in the MOSFETs:
conduction loss and transition loss. For the upper
and lower MOSFET, the losses are approximately
given by the following:
P
UPPER = IOUT (1+ TC)(RDS(ON))D + (0.5)( IOUT)(VIN)( tSW)FS
P
LOWER = IOUT (1+ TC)(RDS(ON))(1-D)
Where I
OUT is the load current
TC is the temperature dependency of R
DS(ON)
F
S is the switching frequency
t
SW is the switching interval
D is the duty cycle
Note that both MOSFETs have conduction loss while
the upper MOSFET include an additional transition
loss. The switching internal, t
SW, is a function of the
reverse transfer capacitance C
RSS. The (1+TC) term is
to factor in the temperature dependency of the R
DS(ON)
and can be extracted from the “R
DS(ON) vs Temperature”
curve of the power MOSFET.
Output Inductor Selection (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com