Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7074 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7074
Description  Synchronous Buck PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7074 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7074 Datasheet HTML 1Page - Anpec Electronics Coropration APW7074 Datasheet HTML 2Page - Anpec Electronics Coropration APW7074 Datasheet HTML 3Page - Anpec Electronics Coropration APW7074 Datasheet HTML 4Page - Anpec Electronics Coropration APW7074 Datasheet HTML 5Page - Anpec Electronics Coropration APW7074 Datasheet HTML 6Page - Anpec Electronics Coropration APW7074 Datasheet HTML 7Page - Anpec Electronics Coropration APW7074 Datasheet HTML 8Page - Anpec Electronics Coropration APW7074 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Feb., 2006
APW7074
www.anpec.com.tw
2
Ordering and Marking Information
Block Diagram
Gate Control
Oscillator
Soft Start
Power-On
Reset
PHASE
LGATE
FB
SS
GND
EN
VCC
OCSET
BOOT
UGATE
PGND
PVCC
IOCSET
200uA
ISS
10uA
50%VREF
O.C.P
Comparator
Error Amp
PWM
Comparator
U.V.P
Comparator
Sawtooth
Wave
: 2
COMP
0.27V
O.C.P
Comparator
VREF
FOSC
300KHz
VCC
APW7074
HandlingCode
Temp.Range
PackageCode
°
LeadFreeCode
APW7074 K :
APW7074
XXXXX
XXXXX- Date Code
PackageCode
K : SOP - 14
Temp.Range
E : -20 to 70 C
HandlingCode
TU : Tube
TR : Tape & Reel
LeadFreeCode
L : Lead Free Device
Blank : Original Device
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate
termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldering
operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for
MSL classification at lead-free peak reflow temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com