Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-IPS Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-IPS
Description  12-30 VDC input/24 VDC output, Uninterruptible Power Supply Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-IPS Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-IPS Datasheet HTML 1Page - Advantech Co., Ltd. PPC-IPS Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
151.80
75.00
37.20
8-Ø4.20
100.00
75.00
100.00
PPC-IPS
I/O Appearance
Ordering Information
Part No.
Description
PPC-IPS-AU
12-30 VDC input/24 VDC output, Uninterruptible Power
Supply Module
98R3612001E
PPC-IPS power cable 1 m
98R3612002E
PPC-IPS control cable 1 m
1760001866-01
PPC-IPS battery pack (spare part)
Note: The PPC-IPS-AU is equipped with a battery pack / 300 mm power cable / 300 mm control cable.
If a longer cable is needed, the customer can order the 1 meter 98R3612001E and 98R3612002E cables.
The PPC-IPS-AU only currently supports the PPC-300 series, please contact Advantech first for operating
with other PC systems.
A. System reset
B. Status indicators
C. RS-232 (for connecting a PC)
D. PS_ON (to shutdown PC)
E. Time switch (for setting auto shutdown)
F. DC out (2 pins)
G. DC input (2 pins)
H. Grounding
B
C
D
E
F
A
G
H
Max. depth for VESA mounting screws is M4*8 (mm)
Din-rail Dimensions
Dimensions
Unit: mm
134



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com