Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-IPS Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-IPS
Description  12-30 VDC input/24 VDC output, Uninterruptible Power Supply Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-IPS Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-IPS Datasheet HTML 1Page - Advantech Co., Ltd. PPC-IPS Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Panel PCs
Features
PPC-IPS
12-30 VDC input/24 VDC output,
Uninterruptible Power Supply Module
ƒ
50W (2.1A @ 24Vdc) output, 25.2Wh with auto shut down function to PC
ƒ
With changeable battery pack for easy maintenance
ƒ
Wide Range power input for 12 - 30 Vdc
ƒ
Supports over discharging protection to extend battery life
ƒ
Metal enclosure supports VESA 75/ VESA 100 and DIN Rail mounting
ƒ
With status indicators for monitoring battery pack and input power
ƒ
With accessible switch for adjusting timing (30sec / 6 min), to execute auto
shut down PC
ƒ
With free software utility for configuration and monitoring
Introduction
This lightweight and intelligent power management module protects a Panel PC from electrical damage and greatly reduces the risk of losing data. The IPS module serves as temporary
power supply during a break in power and allows a safe system shutdown. It can be easily installed on DIN-rail or on the back of a Panel PC.
Specifications
Input
Input Voltage
12 -30 Vdc
Input power rating
90 W
Charging current
2 A
Output
Output Voltage
24Vdc +/-10%
Max. output current
2.5 A
Battery
Battery Capacity
14.4 VDC, 1750 mAH
Cycle life
300 times of charge circle (Above 60% capacity compared to the initial state)
Protection
Short-circuit protection
Yes
Over discharge protection
IPS shuts down when 5% of battery capacity (Default)
Certification
EMC
CE, FCC, BSMI
Safety
UL, CB, BSMI
Dimensions
151.8 x 125 x 37.2 mm (5.98" x 4.92" x 1.46")
Environment
Operating Temperature
0 ~ 50°C (Din rail mounting)
0-45°C (VESA mounting, secured with PPC)
Storage Temperature
-20 ~ 50°C
Relative Humidity
10 ~ 95% @ 40°C (non-condensing)
Shock Operating
10 G peak acceleration (11 ms duration), follow IEC 60068-2-27
Vibration
Operating Random Vibration Test 5 ~ 500Hz, 1Grms, follow IEC 60068-2-64
I/O Connectors
PS_ON to shut down PC
RS-232 for monitoring and setting IPS
Din-rail Mount
VESA Mount
All product specifications are subject to change without notice.
Last updated: 24-Mar-2022


Similar Part No. - PPC-IPS

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-100 ADVANTECH-PPC-100 Datasheet
274Kb / 2P
5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-100T-BARE ADVANTECH-PPC-100T-BARE Datasheet
274Kb / 2P
5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-100T-BARE-T ADVANTECH-PPC-100T-BARE-T Datasheet
274Kb / 2P
5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-103DC-BBA-TE ADVANTECH-PPC-103DC-BBA-TE Datasheet
360Kb / 2P
10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
PPC-103DC-BBARE ADVANTECH-PPC-103DC-BBARE Datasheet
360Kb / 2P
10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
More results

Similar Description - PPC-IPS

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
787-880 WAGO-787-880 Datasheet
453Kb / 8P
capacitive buffer module; 24 VDC input voltage; 24 VDC output voltage
787-881 WAGO-787-881 Datasheet
549Kb / 9P
capacitive buffer module; 24 VDC input voltage; 24 VDC output voltage
787-916 WAGO-787-916 Datasheet
299Kb / 6P
capacitive buffer module; 24 VDC input voltage; 24 VDC output voltage;
859-730 WAGO-859-730 Datasheet
371Kb / 11P
Optocoupler module; Nominal input voltage: 24 VDC; Output voltage range: 3 ??30 VDC;
859-735 WAGO-859-735 Datasheet
367Kb / 5P
Optocoupler module; Nominal input voltage: 24 VDC; Output voltage range 20 ??30 VDC;
859-737 WAGO-859-737 Datasheet
491Kb / 10P
Optocoupler module; Nominal input voltage: 24 VDC; Output voltage range: 0 ??30 VDC
859-761 WAGO-859-761 Datasheet
461Kb / 9P
Optocoupler module; Nominal input voltage: 24 VDC; Output voltage range: 3 ??30 VDC;
859-762 WAGO-859-762 Datasheet
465Kb / 9P
Optocoupler module; Nominal input voltage: 24 VDC; Output voltage range: 3 ??30 VDC
859-796 WAGO-859-796 Datasheet
503Kb / 10P
Optocoupler module; Nominal input voltage: 24 VDC; Output voltage range: 3 ??30 VDC
logo
Advantech Co., Ltd.
UNO-IPS1560-AE ADVANTECH-UNO-IPS1560-AE Datasheet
518Kb / 2P
18-36 VDC input/24 VDC output, Uninterruptible Power Supply Module
19-Oct-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com