Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  NXP ARM® Cortex®-A9 i.MX6 RTX v2.0 module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
ROM-3420
Ordering Information
Part No.
CPU
Memory Flash
Memory UART LAN USB
Display
SATA
PCIe HDMI
SD CANbus I2C SPI Size
Power
input
Operating
Temperature
ROM-3420CD-MDA2E
i.MX6 Dual
1GHz
1 GB
16 GB
3
1
1 USB2.0,
1 USB2.0 OTG
1 x 24bit LVDS
1 x 24bit TTL
1 x HDMI
1
1
1
1
2
4
2
68 x 68 x 7 mm
5 ~ 24 V
0 ~ 60 °C
ROM-3420WD-MDA2E
i.MX6 Dual
1GHz
1 GB
16 GB
3
1
1 USB2.0,
1 USB2.0 OTG
1 x 24bit LVDS
1 x 24bit TTL
1 x HDMI
1
1
1
1
2
4
2
68 x 68 x 7 mm
5 ~ 24 V
-40 ~ 85 °C
ROM-3420CQ-MEA2E
i.MX6 Quad
1GHz
2 GB
16 GB
3
1
1 USB2.0,
1 USB2.0 OTG
1 x 24bit LVDS
1 x 24bit TTL
1 x HDMI
1
1
1
1
2
4
2
68 x 68 x7 mm
5 ~ 24 V
0 ~ 60 °C
ROM-3420WQ-MEA2E
i.MX6 Quad
1GHz
2 GB
16 GB
3
1
1 USB2.0,
1 USB2.0 OTG
1 x 24bit LVDS
1 x 24bit TTL
1 x HDMI
1
1
1
1
2
4
2
68 x 68 x7 mm
5 ~ 24 V
-40 ~ 85 °C
Development Board
Part No.
Description
ROM-DB3900-SWA1E
Development board for RTX2.0 module
Optional Accessories
Part No.
Description
1700022373-01
Debug port cable for ROM-3420/5420
9696ED2000E
Debug adapter board
1960065189N001
Semi-Heatsink for ROM-3420
1930004835
Screws for heatsink
96PSA-A36W12R1-3
ADAPTER 100-240V 36W 12V 3A
1700001524
Power cord 3P UL 10A 125V 180cm
170203183C
Power cord 3P Europe (WS-010+WS-083)183cm
1700008921
Power cord 3P PSE 183cm
170203180A
Power cord 3P UK 2.5A/3A 250V 1.83M
1700019146
Power Cord CCC 3P 10A 250V 183cm
SQF-ISDM1-16G-21C
SQ Flash SD card UHS-I MLC 16GB (0 ~ 70 °C)
SQF-ISDM1-16G-21E
SQ Flash SD card UHS-I MLC 16GB (-40 ~ 85 °C)
EWM-W188M201E
WiFi 802.11ac/abgn 2T2R and BT4.2
1750008671-01
Dipole Ant.SMA/M-R 2.4/5G 2.5/4dBi BLK 109mm
1750007965-01
Antenna cable, SMA (M) to MHF4, 300mm
EWM-C117FL06E*
LTE 4G,3G WCDMA/DC-HSPA+, 2G module, MPCI-L280H
1750008303-01
Antenna AN0727-64SP6BSM
1750006009
Antenna Cable SMA (F) to MHF 1.32 25cm
* Please contact us to get suitable cellular module for your region.
Block Diagram
Dimensions
Unit: mm
H<2.5mm
3
68
3
1.3
1.3
Ø2.7
I2C SWITCH
PCA9545APW
I2C2
SW2
I2C SWITCH
PCA9545APW
I2C2
I2C3
SW1
I2C SWITCH
PCA9545APW
I2C2
UART2/4/5
SW0
2 chip select/address 26 bit/data 16 bit
x24
I2C1
SD2 4bit
SPI1(CS0/1)/SPI5(CS1/2)
x64
SPI5 CS0
SD4 8bit
DDR3
Memory
SPI NOR 4MB
eMMC 16GB
RTX CONN A
SYSTEM BUS
RTX CONN B
BOOT SELECT
TTL LCD
I2C3
4 bit SD
SPI
GPIO x 10
RTX CONN D
SATA
LVDS
HDMI
HDMI DDC
CAN BUS x2
I2C0
I2C1
I2C2
I2S
UART x3
MISC
POWER
MANAGMENT
RTL8211FS
WDT
RTC POWER
RTX POWER
RTX CONN C
CSI1 MIPI
PCIE0
GIGA LAN
USB2.0 OTG
USB2.0 HOST
4 lanes
1 lane
RGMII
MDI
Console
UART2-wires
JTAG
MCU
I2C SWITCH
PCA9545APW
I2C2
SW3
UART1
NXP i.MX6 Processor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com