Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  NXP ARM® Cortex®-A9 i.MX6 RTX v2.0 module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RISC Computing Platforms
Features
RoHS
COMPLIANT
2002/95/EC
ROM-3420
NXP ARM® Cortex®-A9 i.MX6 RTX v2.0
module
ƒ
NXP ARM® Cortex®-A9 i.MX6 high performance processor
ƒ
Onbard DDR3 memory and eMMC 16GB
ƒ
Supports wide range power input 5V~24V
ƒ
Supports OpenGL ES 2.0 and OpenVG 1.1 hardware accelerators
ƒ
Supports full HD 1080p video decode and HD 1080p video encode hardware
engine
ƒ
Supports 1 PCIe, 1 GbE, 1 USB 2.0, 1 USB OTG2.0, 1 SATAII, 4 I2C, 1 I2S,
1 Camera in, 2 CANbus, 10 GPIO, System bus
ƒ
Low power consumption, fanless desgin
ƒ
Supports Linux and Android BSP
Introduction
ROM-3420 RTX2.0 module integrates an ARM Cortex A9 Dual 1 GHz NXP i.MX6 series ultra low power SoC and I/O solution with Linux. NXP i.MX6 supports 2D, 3D graphics acceleration,
and a full HD 1080P video decoding encoding hardware engine. ROM-3420 supports 5V~24V wide range power inputs and a wide temperature design for industrial applications.
ROM-3420 RTX2.0 module offers an Advantech ROM-DB3900 evaluation carrier board for easy integration and hardware design reference, and also provides a Linux BSP utility and
reference codes for application development and device integration.
Specifications
Form Factor
RTX v2.0
Processor System
CPU
NXP ARM Cortex-A9 i.MX6 1 GHz
Memory
Technology
DDR3 1066 MHz
Capacity
On-board DDR3 1 GB
Flash
16 GB eMMC NAND Flash for O.S. and 4 MB SPI NOR Flash for Advantech boot loader
Graphics
LVDS
1 Single 24-bit LVDS, 1366 x 768 at 60Hz
HDMI
1920 x 1080 at 60Hz
Parallel RGB
1 24-bit TTL, 1920 x 1200 at 60Hz
VGA
-
Graphics Engine
2 IPUs. OpenGL ES 2.0 for 3D, BitBlt for 2D and OpenVG 1.1
H/W Video Codec
Decoder: MPEG-4 ASP, H.264 HP, H.263, MPEG-2 MP, MJPEG BP
Encoder: MPEG-4 SP, H.264 BP, H.263, MJPEG BP
Ethernet
Chipset
NXP i.MX6 integrated RGMII
Speed
1 x 10/100/1000 Mbps
RTC
RTC
Yes
WatchDog Timer
256-level timer interval, from 0 ~ 128 sec
I/O
PCIe
1 PCIe x 1
SATA
1 SATA II
USB
1 USB 2.0,
1 USB 2.0 OTG
Audio
I2S
SPDIF
-
SDIO
1
Serial Port
3 UART (3 x 4 wire w / 3.3V)
SPI
2
CAN
2 CAN bus 2.0B
GPIO
10
I2C
4
Camera Input
1 MIPI v1.0, 4 x Lane
System Bus
Address: 26 bits, Data: 16 bits
Touch
-
Keypad
-
Power
Power Supply Voltage
5 ~ 24 V
Power Consumption
6.25W (Max)
Environment
Operating Temperature
0 ~ 60 °C/ -40 ~ 85 °C
Operating Humidity
0% ~ 95% relative humidity, non-condensing
Mechanical
Dimensions (W x D)
68 x 68 mm
Operation system
Linux & Android
Certifications
CE/FCC Class B
All product specifications are subject to change without notice.
Last updated: 16-Jun-2022


Similar Part No. - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results

Similar Description - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DMS-BA16 ADVANTECH-DMS-BA16_15 Datasheet
538Kb / 2P
Freescale ARM Cortex-A9 i.MX6 Qseven V2.0 Module
UBC-220 ADVANTECH-UBC-220_16 Datasheet
584Kb / 2P
NXP ARM Cortex-A9 i.MX6 2.5' IoT Gateway
UBC-200 ADVANTECH-UBC-200_16 Datasheet
550Kb / 2P
NXP ARM Cortex-A9 i.MX6 RISC Compact Box Computer
RSB-4411 ADVANTECH-RSB-4411 Datasheet
726Kb / 2P
NXP ARM Cortex-A9 i.MX6 3.5" SBC
ROM-1210 ADVANTECH-ROM-1210_V01 Datasheet
721Kb / 2P
NXP ARM® Cortex®-A8 i.MX53 RTX 1.6 Module
10-Mar-2016
ROM-5420 ADVANTECH-ROM-5420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 SMARC v1.1 Module
21-Jun-2022
ROM-7420 ADVANTECH-ROM-7420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Qseven Module
21-Jun-2022
ROM-7421 ADVANTECH-ROM-7421 Datasheet
3Mb / 4P
NXP ARM Cortex-A9 i.MX6 Qseven 2.0 Module
21-Jun-2022
RSB-3430 ADVANTECH-RSB-3430 Datasheet
692Kb / 2P
NXP Arm® Cortex®-A9 i.MX6 2.5" SBC
29-Mar-2022
RSB-6410 ADVANTECH-RSB-6410 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Dual/Quad Mini-ITX Motherboard
7-Jul-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com