Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCR4M00G55-R0 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd

Part # CSTCR4M00G55-R0
Description  Ceramic Resonators/Crystal Units/MEMS Resonators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTCR4M00G55-R0 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd

  CSTCR4M00G55-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd CSTCR4M00G55-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd CSTCR4M00G55-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 3 page
background image
Document No. JGC42-8784
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 6/16
9. 測定方法
Measuring Method
9-1 発振周波数
: 第1図に示す回路で測定します。測定用回路は当社にて作
製した回路を用います。
Oscillating Frequency
: See Figure 1.
The measurement circuit is made by Murata.
9-2 等価定数
: ベクトルインピ-ダンスアナライザ-4294(KEYSIGHT製)ま
たは相当品にて測定します。測定電圧は0.175Vrmsです。
Equivalent Circuit Value
: Vector Impedance Analyzer 4294(KEYSIGHT) or equiva-
lent is used for the measurement. Applied voltage is
0.175Vrms.
9-3 測定条件
: 温度+25±5℃、湿度20~85%R.H.を標準測定状態とします。
Measuring Condition
: Standard conditions for the measurement shall be
+25±5°C and 20 to 85%R.H..
IC:1/6 TC74HCU04 x2
(Toshiba)
VDD:+5±0.1V
Rf:1MΩ
Rd:680Ω
端子番号
Terminal
Number
: (1)入力
Input
(2)アース GND
(3)出力
Output
第1図
発振周波数測定回路図
Figure 1.
Measurement circuit of oscillating frequency
出力
(周波数カウンターへ)
(To Frequency Counter)
Output
VDD
C1
C2
Rf
(1)
(3)
(2)
CERALOCK
Rd
5pF
1MΩ
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com