Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCR4M00G55-R0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # CSTCR4M00G55-R0
Description  Ceramic Resonators/Crystal Units/MEMS Resonators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTCR4M00G55-R0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  CSTCR4M00G55-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd CSTCR4M00G55-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd CSTCR4M00G55-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document No. JGC42-8784
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 2/16
5. 電気的性能
Electrical Characteristics
項 目
Item
規 格
Specification
5-1
公称発振周波数
Nominal Oscillating Frequency
4.000MHz
5-2
発振周波数許容偏差 *1 *2
Initial Frequency Tolerance *1 *2
±0.50%以内/max.
5-3
発振周波数温度依存性
(+25゚Cでの発振周波数を基準とする)
Frequency Shift by Temperature
(from initial value at +25°C)
±0.20%以内/max.
(-20 to +80°C)
5-4
発振周波数エージング *3
Oscillating Frequency Aging *3
±0.10%以内/max.
(初期値に対し/from initial value)
5-5
共振抵抗 *2
Resonant Impedance *2
60Ω以下/max.
5-6
内蔵容量 (C1,C2 1MHzにて)
Built-in Load Capacitance (C1,C2 at 1MHz)
39pF±20%以内/max.
(参考値/ ref.)
5-7
絶縁抵抗 (各端子間)
Insulation Resistance (between each terminal)
500MΩ以上/min (D.C.10V 印加時)
(applied D.C.10V)
*1 セラロック®の1番端子と3番端子を逆に接続した場合、±0.60%以内となります。
Terminal (1) and (3) are interchangeable, but if interchange initial tolerance is ±0.60%max.
*2 発振周波数および共振抵抗の測定条件は項目9を参照ください。
Please refer to item 9 for measuring method of oscillating frequency and resonant
impedance.
*3 温度+85±2℃の恒温室中に1000時間保持し、室温に取り出して1時間放置後測定します。
Component shall be left in a chamber at +85
2°C for 1000 hours, then measured after
leaving at room temperature for 1 hour.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com