Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCR4M00G55-R0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # CSTCR4M00G55-R0
Description  Ceramic Resonators/Crystal Units/MEMS Resonators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTCR4M00G55-R0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  CSTCR4M00G55-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd CSTCR4M00G55-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd CSTCR4M00G55-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document No. JGC42-8784
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 1/16
製品仕様書
Specification of Piezoelectric Ceramic Resonator
決定年月日 Issue Date : March 17, 2017
1. 品番
Part Number
当 社 品 番
Murata Part Number
テーピング品
Taping
CSTCR4M00G55-R0
バラ品
Bulk
CSTCR4M00G55-B0
2. 適 用
Scope
当製品仕様書は、マイクロコンピュータ等のクロック発生回路に使用するセラミック発振子(セラロック®)
について規定します。この用途以外にご使用の場合には事前に当社へご連絡ください。
This product specification is applied to the piezoelectric ceramic resonator used for time base
oscillator in a microcomputer. Please contact us when using this product for any other
applications than described in the above.
3. 外観 及び 寸法
Appearance and Dimensions
3-1 外観
: 目視によって表示識別可能であり、汚れ等がありません。
Appearance
: No illegible marking. No visible dirt.
3-2 セラロック®の外形寸法図
: 製品単体の形状を項目6に示します。
Dimensions of component
: Please refer to item 6 for component dimensions.
3-3 構造
: セラミック基板に、圧電セラミック素子と誘電体素子を接着し、
金属キャップで蓋をしております。
Construction
: Resonator and capacitor elements are mounted onto
ceramic substrate, then metal cap covers over the
elements.
4. 定格
Rating
項 目
Item
規 格
Specification
4-1
動作温度範囲
Operating Temperature Range
-20 to +80°C
4-2
保存温度範囲
Storage Temperature Range
-55 to +85°C
4-3
直流印加電圧
D.C. Voltage
D.C.6V 以下/max.
4-4
入力信号振幅
A.C. Voltage
15Vp-p 以下/max.
4-5
耐電圧
Withstanding Voltage
D.C.100V 以下/max.
5s 以内/max.


Similar Part No. - CSTCR4M00G55-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTCR4M00G55-R0 MURATA-CSTCR4M00G55-R0 Datasheet
192Kb / 3P
no adjustment is necessary for os cillation circuits
More results

Similar Description - CSTCR4M00G55-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTLS3M60G56-B0 MURATA1-CSTLS3M60G56-B0_V01 Datasheet
256Kb / 2P
Ceramic Resonators/Crystal Units/MEMS Resonators
01/02/2023
CSTLS4M00G53Z-A0 MURATA1-CSTLS4M00G53Z-A0 Datasheet
342Kb / 2P
Ceramic Resonators/Crystal Units/MEMS Resonators
01/02/2023
CSTLS6M29G56-B0 MURATA1-CSTLS6M29G56-B0_V01 Datasheet
257Kb / 2P
Ceramic Resonators/Crystal Units/MEMS Resonators
01/02/2023
CSTLS16M2X51003-B0 MURATA1-CSTLS16M2X51003-B0_V01 Datasheet
230Kb / 2P
Ceramic Resonators/Crystal Units/MEMS Resonators
01/02/2023
CSTLS20M0X53Z-B0 MURATA1-CSTLS20M0X53Z-B0_V01 Datasheet
230Kb / 2P
Ceramic Resonators/Crystal Units/MEMS Resonators
01/02/2023
CSTLS32M0X51-B0 MURATA1-CSTLS32M0X51-B0_V01 Datasheet
230Kb / 2P
Ceramic Resonators/Crystal Units/MEMS Resonators
01/02/2023
CSTNE9M21G520000R0 MURATA1-CSTNE9M21G520000R0 Datasheet
342Kb / 2P
Ceramic Resonators/Crystal Units/MEMS Resonators
01/04/2023
XRCGB24M000F2P29R0 MURATA1-XRCGB24M000F2P29R0 Datasheet
390Kb / 3P
Ceramic Resonators/Crystal Units/MEMS Resonators
01/04/2023
CSALS16M9X55-B0 MURATA1-CSALS16M9X55-B0_V01 Datasheet
241Kb / 2P
Ceramic Resonators/Crystal Units/MEMS Resonators
01/12/2023
XRCHA20M000F0A12R0 MURATA1-XRCHA20M000F0A12R0_V01 Datasheet
292Kb / 3P
Ceramic Resonators/Crystal Units/MEMS Resonators
01/16/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com