Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM-3620 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ROM-3620
Description  NXP i.MX 8X Cortex®-A35 RTX v2.1 module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-3620 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ROM-3620 Datasheet HTML 1Page - Advantech Co., Ltd. ROM-3620 Datasheet HTML 2Page - Advantech Co., Ltd. ROM-3620 Datasheet HTML 3Page - Advantech Co., Ltd. ROM-3620 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RISC Computing Platforms
Features
RoHS
COMPLIANT
2002/95/EC
ROM-3620
NXP i.MX 8X Cortex®-A35 RTX v2.1
module
ƒ
NXP i.MX 8X processor with 2-4 x Arm Cortex-A35 cores
ƒ
Onbard LPDDR4 memory and eMMC 16GB
ƒ
Supports wide range power input 5V~24V
ƒ
Supports Vivante GC7000 Lite hardware accelerators
ƒ
Supports Ultra HD 4K/ full HD 1080p video decode and HD 1080p video
encode hardware engine
ƒ
Supports 1 PCIe, 1 USB 3.0, 1 USB 2.0, 1 USB OTG2.0, 5 I2C, 1 I2S,
1 Camera in, 2 CANbus, 10 GPIO
ƒ
Low power consumption, fanless desgin
ƒ
Supports Linux and Android BSP
Introduction
Advantech ROM-3620 RTX2.1 Computer-on-Module is powered by NXP i.MX 8X SoC which includes two to four Arm Cortex-A35 cores for mid-range automotive and industrial
market segments, one Cortex-M4F core for real-time processing, and one Tensilica Hi-Fi 4 DSP for efficient audio and voice codec execution. It also escalates its graphic performance
by Vivante GC7000 Lite, 4K H.265 capable decoder, and dual 1080P60 display controller.
ROM-3620 RTX2.1 module offers an Advantech ROM-DB3900 evaluation carrier board for easy integration and hardware design reference, and also provides a Linux BSP utility and
reference codes for application development and device integration.
Specifications
Form Factor
RTX v2.1
Processor System
CPU
NXP i.MX 8X DualXPlus/QuadXPlus; 2/4 x Arm Cortex-A35 1.2GHz; Cortex M4F
Memory
Technology
LPDDR4
Capacity
On-board 2GB/4GB
Flash
16 GB eMMC NAND Flash and 8MB QSPI NOR FLASH
Graphics
LVDS/MIPI DSI
2 x 24-bit single channel LVDS 1080p or 2 x 4-LANE MIPI DSI
Graphics Engine
Vivante GC7000 Lite
H/W Video Codec
Decoder: H.265 / H.264
Encoder: H. 264
Ethernet
Chipset
2 x NXP i.MX8X integrated RGMII (with AR8035)
Speed
2 x 10/100/1000 Mbps
PMIC
PMIC
NXP PF8100
RTC
RTC
Yes
WatchDog Timer
256-level timer interval, from 0 ~ 128 sec
I/O
PCIe
1 x PCIe 3.0
USB
1 USB 3.0, 1 USB 2.0
1 USB 2.0 OTG
Audio
I2S
SPDIF
-
SDIO
1
Serial Port
3 UART (1 x 4 wire/ 2 x 2 wire)
SPI
2
CAN
2 CAN/ CAN-FD
GPIO
10
I2C
5
Camera Input
1 x 4-lane MIPI CSI
System Bus
-
Touch
-
Keypad
-
Power
Power Supply Voltage
5 ~ 24 V
Power Consumption
4.497W (Max)
Environment
Operating Temperature
0 ~ 60 °C/ -40 ~ 85 °C
Operating Humidity
5% ~ 95% relative humidity
Mechanical
Dimensions (W x D)
68 x 68 mm
Operation system
Linux & Android
Certifications
CE/FCC Class B
All product specifications are subject to change without notice.
Last updated: 16-Jun-2022


Similar Part No. - ROM-3620

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
ROM-3.305S RECOM-ROM-3.305S Datasheet
97Kb / 3P
1 Watt SIP4 Micro Size Single Output
ROM-3.305S RECOM-ROM-3.305S Datasheet
91Kb / 3P
1 Watt SIP4 Micro Size Single Output
ROM-3.305SP RECOM-ROM-3.305SP Datasheet
91Kb / 3P
1 Watt SIP4 Micro Size Single Output
ROM-3.309S RECOM-ROM-3.309S Datasheet
97Kb / 3P
1 Watt SIP4 Micro Size Single Output
ROM-3.309S RECOM-ROM-3.309S Datasheet
91Kb / 3P
1 Watt SIP4 Micro Size Single Output
More results

Similar Description - ROM-3620

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
LEC-IMX6R2 ADLINK-LEC-IMX6R2 Datasheet
526Kb / 4P
SMARC Short Size Module with NXP i.MX 6 Multicore Arm Cortex-A9
logo
Advantech Co., Ltd.
ROM-1210 ADVANTECH-ROM-1210_V01 Datasheet
721Kb / 2P
NXP ARM® Cortex®-A8 i.MX53 RTX 1.6 Module
10-Mar-2016
ROM-3420 ADVANTECH-ROM-3420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 RTX v2.0 module
16-Jun-2022
ROM-5420 ADVANTECH-ROM-5420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 SMARC v1.1 Module
21-Jun-2022
ROM-5620 ADVANTECH-ROM-5620 Datasheet
3Mb / 4P
NXP i.MX8X Cortex®-A35 SMARC 2.0/2.1 Computer-on-Module
16-Jun-2022
ROM-5722 ADVANTECH-ROM-5722 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 SMARC 2.1 Computer-on-Module
16-Aug-2022
ROM-7420 ADVANTECH-ROM-7420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Qseven Module
21-Jun-2022
RSB-3430 ADVANTECH-RSB-3430 Datasheet
692Kb / 2P
NXP Arm® Cortex®-A9 i.MX6 2.5" SBC
29-Mar-2022
logo
BCM Advanced Research.
AR8MXMQ BCM-AR8MXMQ Datasheet
591Kb / 1P
NXP i.MX 8M ARM Motherboard supports Cortex A53/ Cortex M4, Quad Core Processor
2021/06/09
SMA-X8I BCM-SMA-X8I Datasheet
745Kb / 1P
NXP i.MX 8M Mini SMARC Module
2022/02/08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com