Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
Block Diagram
ROM-5720
Ordering Information
Part No.
CPU
Memory Flash
Memory UART LAN USB3.0/2.0
Display
PCIe
2.0
SD CANbus I2C SPI Size
Power
input
Operating
Temperature
ROM-5720CD-PEA2E
i.MX 8M Dual
2GB
16GB
4
2
2 USB3.0,
4 USB2.0
1 USB2.0 OTG
1 x HDMI 2.0
1 x 4-lane MIPI DSI
1
1
_
4
1
82 x 50 x 5 mm
3 ~ 5.25V
0 ~ 60 °C
ROM-5720WD-OEA2E
i.MX 8M Dual
2GB
16GB
4
2
2 USB3.0,
4 USB2.0
1 USB2.0 OTG"
1 x HDMI 2.0
1 x 4-lane MIPI DSI
1
1
_
4
1
82 x 50 x 5 mm
3 ~ 5.25V
-40 ~ 85 °C
ROM-5720CQ-PEA2E
i.MX 8M Quad
2GB
16GB
4
2
2 USB3.0,
4 USB2.0
1 USB2.0 OTG
1 x HDMI 2.0
1 x 4-lane MIPI DSI
1
1
_
4
1
82 x 50 x 5 mm
3 ~ 5.25V
0 ~ 60 °C
ROM-5720WQ-OEA2E
i.MX 8M Quad
2GB
16GB
4
2
2 USB3.0,
4 USB2.0
1 USB2.0 OTG
1 x HDMI 2.0
1 x 4-lane MIPI DSI
1
1
_
4
1
82 x 50 x 5 mm
3 ~ 5.25V
-40 ~ 85 °C
*QUAD-Lite SoC, DRAM and eMMC of other capacity are available through project-based support. Please contact sales for details.
Dimensions
Unit: mm
82.0
39.0
4.0
Ø2.7
Ø6.0
R2
74.0
Development Board
Part No.
Description
ROM-DB5901-SWA1
Development board for SMARC v2.0 RISC Module series
Optional Accessories
Part No.
Description
1701100300
Debug port cable for ROM-5720
1970004595T001
Heat Spreader
1970005259T001
Semi Heat Sink (0 ~ 60 °C)
1970004596T001
Semi Heat Sink (-40 ~ 85 °C)
1930004835
Screws for heat spreader and semi heat sink
96PSA-A36W12R1-3
ADAPTER 100-240V 36W 12V 3A
1700001524
Power cord 3P UL 10A 125V 180cm
170203183C
Power cord 3P Europe (WS-010+WS-083)183cm
1700019146
Power Cord CCC 3P 10A 250V 183cm
1700008921
Power cord 3P PSE 183cm
170203180A
Power cord 3P UK 2.5A/3A 250V 1.83M
SQF-ISDM1-16G-21C
SQ Flash SD card UHS-I MLC 16GB (0 ~ 70 °C)
SQF-ISDM1-16G-21E
SQ Flash SD card UHS-I MLC 16GB (-40 ~ 85 °C)
EWM-W163M201E
802.11 a/b/g/n/ac, QCA6174A-5, 2T2R, with BT4.2, Full size Mini PCIe
1750008717-01
Dipole Ant. D.B 2.4/5G WIFI 3dBi SMA/M-R BLK
1750007965-01
Antenna cable, SMA (M) to MHF4, 300mm
EWM-C117FL06E*
LTE/HSPA+/GPRS module, w/ SIM Slot, for Taiwan
1750008303-01
Antenna AN0727-64SP6BSM
1750006009
Antenna Cable SMA (F) to MHF 1.32 25cm
*Please contact us to get suitable cellular module for your region.
NAXP ARM Cortex-A53
i.MX8M
2GB
LPDDR4
16GB
eMMC 5.0
8MB
NOR FLash
NXP PMIC
PF4210
TPM2.0
I2C
USB2.0 OTG
USB3.0
USB2.0
USB3.0
I2S x 1
SPI x 1
GPIO x12
I2C x 3
MIPI CSI x 2
UART 4-wires x 1
UART 2-wires x 3
HDMI x 1
MIPI DSI x 1
SDIO x 1
RGMII
GbE MDI
RTL8211FS
USB2.0 Hub
PCIe2.0
PCIe2.0 x1
GbE MDI
PCIe2.0
RTL8119I-CG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com