Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RISC Computing Platforms
Features
NXP i.MX8M Cortex®-A53
SMARC 2.0/2.1 Computer-on-Module
ROM-5720
ƒ
NXP i.MX 8M processor with dual or quad Arm Cortex A53 cores
ƒ
1 x Arm Cortex-M4 core
ƒ
Onboard 2GB LPDDR4 memory and eMMC 16GB
ƒ
1 x HDMI2.0 up to 4096 x 2160, 1 x 4-Lane MIPI DSI
ƒ
2 x USB3.0, 4 x USB2.0, 4 x UART, 4 x I2C, 12 x GPIO,
1 x PCIe2.0, 1 x 4-lane MIPI CSI camera input, 1 x 2-lane MIPI CSI camera
input and 2 x Gigabit LAN
ƒ
Supports OpenGL ES 3.1/3.0/2.0/1.1, Open CL 1.2, and Vulkan hardware
accelerators
ƒ
Supports 4Kp60 HEVC/H.265 decoding with HDR
ƒ
Low power consumption design
ƒ
Supports Linux and Android BSP
Introduction
Advantech ROM-5720 SMARC 2.0/2.1 Computer-on-Module is powered by NXP i.MX8M SOC which includes dual and quad-core Arm Cortex-A53 processors in combination with
one Cortex-M4 real time processor and the Vivante GC7000 Lite 3D graphics engine. It provides USB3.0, two Gigabit Ethernet, two MIPI-CSI, PCI Express, and HDMI2.0 up to 4096
x 2160 at 60 Hz and MIPI-DSI for embedded applications. It's the ideal solution for transportation, infotainment, vending, Medical.
ROM-5720 is paired with the Advantech ROM-DB5901 SMARC2.0 development board for faster end product peripheral integration and time-to-market. The reference schematics and
layout checklist documentations for carrier board development will be provided along with the open-sourced Linux BSP, test utilities, hardware design utilities and reference drivers.
Specifications
Form Factor
SMARC 2.0 & SMARC 2.1 compliance
Processor System
CPU
NXP i.MX 8M dual or quad Arm Cortex A53 cores, up to 1.5GHz
MCU
1 x Arm Cortex-M4 core
Memory
Technology
LPDDR4-1866 MHz
Capacity
Onboard 2GB LPDDR4
Flash
16 GB eMMC NAND Flash for O.S. and 8 MB QSPI NOR Flash for Advantech boot loader
Graphics
LVDS/MIPI DSI
1 x 4-lane MIPI DSI, up to 1920 x 1080 @ 60Hz
HDMI
1 x HDMI2.0, up to 4096 x 2160 at 60 Hz
Parallel RGB
-
VGA
-
Graphics Engine
Vivante GC7000 Lite. supports OpenGL ES 1.1, 2.0, 3.0, 3.1, Open CL 1.2, and Vulkan
H/W Video Codec
Decoder: HEVC/H.265(4Kp60), VP9(4Kp60), H.264(4Kp30), MPEG-2, MPEG-4p2, VC-1, VP8, RV9, AVS, MJPEG, H.263
Ethernet
Chipset
1 x NXP i.MX8M Integrated RGMII;
1 x RTL8119I-CG Giga LAN controller or 1 x PCIe x 1-lane(option)
Speed
2 x 10/100/1000 Mbps
RTC
RTC
Yes
WatchDog Timer
1~6553s, default 60s, power on/off 1s
Security
TPM 2.0
I/O
PCIe
1 x PCIe 2.0
SATA
-
USB
2 USB3.0, 4 USB2.0,1 USB2.0 OTG
Audio
1 x I2S
SPDIF
-
SDIO
1
Serial Port
1 x 4-wire UART (H/W flow control) and 3 x 2-wire UART
SPI
1
CAN
-
GPIO
12
I2C
4 with interrupt
Camera Input
1 x 4-lane MIPI CSI, 1 x 2-lane MIPI CSI
System Bus
-
Touch
-
Keypad
-
Power
Power Supply Voltage
Fixed 5V ± 5% DC source
Power Consumption
5.3W (Max)
Environment
Operating Temperature
0 ~ 60 °C/ -40 ~ 85 °C
Operating Humidity
5 ~ 95% relative humidity, non-condensing
Mechanical
Dimensions (W x D)
82 x 50 mm
Operation System
Linux & Android
Certifications
CE/FCC Class B
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 7-Jul-2022


Similar Part No. - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results

Similar Description - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3720 ADVANTECH-EPC-R3720 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
ROM-5420 ADVANTECH-ROM-5420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 SMARC v1.1 Module
21-Jun-2022
ROM-5620 ADVANTECH-ROM-5620 Datasheet
3Mb / 4P
NXP i.MX8X Cortex®-A35 SMARC 2.0/2.1 Computer-on-Module
16-Jun-2022
ROM-5721 ADVANTECH-ROM-5721 Datasheet
2Mb / 4P
NXP i.MX8M Mini Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5722 ADVANTECH-ROM-5722 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 SMARC 2.1 Computer-on-Module
16-Aug-2022
ROM-5780 ADVANTECH-ROM-5780 Datasheet
3Mb / 5P
Rockchip RK3399 Cortex®-A72A53 SMARC 2.1 Computer-on-Module
7-Jul-2021
ROM-7720 ADVANTECH-ROM-7720 Datasheet
3Mb / 4P
NXP ARM Cortex-A72 i.MX8 QuadMax Qseven 2.1 Module
7-Jul-2021
ROM-DK5720 ADVANTECH-ROM-DK5720 Datasheet
278Kb / 2P
Development Kit for SMARC 2.0/2.1 Computer-on-Module ROM-5720
17-Jul-2020
RSB-3720 ADVANTECH-RSB-3720 Datasheet
3Mb / 6P
NXP i.MX8M Plus Cortex®-A53 2.5 SBC with UIO40-Express
1-Aug-2022
RSB-3730 ADVANTECH-RSB-3730 Datasheet
1Mb / 4P
NXP iMX 8M Mini Cortex-A53 2.5 SBC
18-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com