Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS Datasheet(PDF) 2 Page - C&K Components

Part # MS
Description  Small Size Snap-acting Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

MS Datasheet(HTML) 2 Page - C&K Components

  MS Datasheet HTML 1Page - C&K Components MS Datasheet HTML 2Page - C&K Components MS Datasheet HTML 3Page - C&K Components MS Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
J
J–52
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
MS Series
Small Size Snap-acting Switches
Specifications
CONTACT ARRANGEMENT: SPDT
CONTACT RATING: 5 A @ 125 VAC / 3 A @ 250 VAC
OPERATING LIFE: 1,000,000 cycles without load
6,000 cycles with load UL
INITIAL CONACT RESISTANCE: 100 m½ max.
INSULATION RESISTANCE: 100 M ½ min. @ 500 VDC
DIELECTRIC STRENGTH: 1000 VAC (50-60 Hz)
OPERATING TEMPERATURE: -40ºC to + 85ºC
OPERATING FORCE: 65 ± 20 gf
PRE-TRAVEL (PT): 3.0 mm max.
OVERTRAVEL: 1.0 mm max.
OPERATING POSITION (OP): 9.40 ± 1.0 mm
Materials
COVER: PBT (UL94V-0)
HOUSING: PBT (UL94V-0)
KNOB: PBT (UL94V-0)
TERMINALS: Silver plated
NOTE: Specifications and materials listed above are for switches with standard
options. For information on specific and custom switches, consult Customer
Service Center.
PART NUMBER
MS-105A01-01
Specifications
CONTACT ARRANGEMENT: SPST
CONTACT RATING: 5 A @ 125 VAC / 3 A @ 250 VAC
OPERATING LIFE: 1,000,000 cycles without load
6,000 cycles with load UL
INITIAL CONACT RESISTANCE: 100 m½ max.
INSULATION RESISTANCE: 100 M ½ min. @ 500 VDC
DIELECTRIC STRENGTH: 1000 VAC (50-60 Hz)
OPERATING TEMPERATURE: -40ºC to + 85ºC
OPERATING FORCE: 230 ± 50 gf
PRE-TRAVEL (PT): 0.6 mm max.
OVERTRAVEL: 0.5 mm max.
OPERATING POSITION (OP): 8.40 ± 0.40 mm
Materials
COVER: PBT (UL94V-0)
HOUSING: PBT (UL94V-0)
KNOB: PBT (UL94V-0)
TERMINALS: Silver plated
NOTE: Specifications and materials listed above are for switches with standard
options. For information on specific and custom switches, consult Customer
Service Center.
PART NUMBER
MS-105B01
Standard Size
15 Jul 20
Standard Size



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com