Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS Datasheet(PDF) 3 Page - C&K Components

Part # MS
Description  Small Size Snap-acting Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

MS Datasheet(HTML) 3 Page - C&K Components

  MS Datasheet HTML 1Page - C&K Components MS Datasheet HTML 2Page - C&K Components MS Datasheet HTML 3Page - C&K Components MS Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
J
J–53
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
MS Series
Small Size Snap-acting Switches
Specifications
CONTACT ARRANGEMENT: SPDT
CONTACT RATING: 0.1 A @ 30 VDC
OPERATING LIFE: 500,000 cycles without load
50,000 cycles with load
INITIAL CONACT RESISTANCE: 50 m½ max.
INSULATION RESISTANCE: 100 M ½ min. @ 500 VDC
DIELECTRIC STRENGTH: 1000 VAC (50-60 Hz)
OPERATING TEMPERATURE: -20ºC to + 70ºC
OPERATING FORCE: 70 ± 40 gf
PRE-TRAVEL (PT): 0.50 mm max.
OVERTRAVEL: 0.5 mm min.
OPERATING POSITION (OP): 5.50 ± 0.30 mm
Materials
COVER: PBT (UL94V-0)
HOUSING: PBT (UL94V-0)
KNOB: PBT (UL94V-0)
TERMINALS: Silver plated
NOTE: Specifications and materials listed above are for switches with standard
options. For information on specific and custom switches, consult Customer
Service Center.
PART NUMBER
MS-118305
Specifications
CONTACT ARRANGEMENT: SPDT
CONTACT RATING: 0.1 A @ 30 VDC
OPERATING LIFE: 500,000 cycles without load
50,000 cycles with load
INITIAL CONACT RESISTANCE: 50 m½ max.
INSULATION RESISTANCE: 100 M ½ min. @ 500 VDC
DIELECTRIC STRENGTH: 1000 VAC (50-60 Hz)
OPERATING TEMPERATURE: -20ºC to + 70ºC
OPERATING FORCE: 25 ± 15 gf
OVERTRAVEL: 0.5 mm min.
OPERATING POSITION (OP): 6.0 ± 0.80 mm
FREE POSITION (FP): 8.5mm max.
Materials
COVER: PBT (UL94V-0)
HOUSING: PBT (UL94V-0)
KNOB: PBT (UL94V-0)
TERMINALS: Silver plated
NOTE: Specifications and materials listed above are for switches with standard
options. For information on specific and custom switches, consult Customer
Service Center.
PART NUMBER
MS-118305-A
15 Jul 20
Smaller Size
Smaller Size



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com