Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTF-16-R3-CR Datasheet(PDF) 1 Page - C&K Components

Part # RTF-16-R3-CR
Description  7.2mm x 7.2mm Low Profile Rotary DIP Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RTF-16-R3-CR Datasheet(HTML) 1 Page - C&K Components

  RTF-16-R3-CR Datasheet HTML 1Page - C&K Components RTF-16-R3-CR Datasheet HTML 2Page - C&K Components RTF-16-R3-CR Datasheet HTML 3Page - C&K Components RTF-16-R3-CR Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
H
H–33
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
RTF Series
7.2mm x 7.2mm Low Profile Rotary DIP Switches
Features/Benefits
• New generation
• Most compact rotary DIP switch
• Thru-hole, Crimped, J-Bend, Angled
and Surface Mount Models
• New designs with different actuators
• IP67
• RoHS compatible and compliant
How To Order
The Build-A Switch concept allows you to mix and match options to create the switch you need. Below is a complete listing of
options shown in catalog. To order, simply select desired option from each category and place in the appropriate box.
T
R
F
Number of positions
04
4 position
10
10 position
16
16 position
Terminations
C
Thru-hole (Ter’ 3 x 3)
K
Crimped (Ter’ 3 x 3)
S
SMD Gull Wing
A
Angled Type
J
‘J’ Bend
Packaging
(None) Tube
R
Tape & Reel (only available
for termination type S and J)
Coding
R
Real code
C
Complement code
Actuator
0
Arrow (Height = 0 mm)
1
Slotted Spindle (Height = 3 mm)
2
Cross (Height = 0 mm)
3
Arrow (Height = 3 mm)
Typical Applications
• Industrial and control automa-
tion
• Automotive
• Computer and peripherals
• Instrumentation
• Security devices
Specifications
CONTACT RATING:
100mA, DC 5V (switching)
100mA, DC 50V (non-switching)
MECHANICAL & ELECTRICAL LIFE: 10,000 cycles
INITIAL CONTACT RESISTANCE: 100 milliohms max.
INSULATION RESISTANCE: 100 megohms min.
OPERATING TEMPERATURE: -40°C to 85°C.
STORAGE TEMPERATURE: -40°C to 85°C.
OPERATING FORCE: 200 gf max.
SOLDER CONDITIONS:
- Iron soldering: C/K/S/A/J termination: 3s/350°C
- Wave soldering: C/K/A termination: 5s/280°C
- Reflow soldering: S/J termination: 10s/260°C
SOLDERABILITY: Dip and look solderability testing per C&K spec #448
PACKAGING: Switches are supplied in rigid dispensing tubes in
full-tube quantities only, this may affect order quantities. Number of
switches per tube varies with model. Tape and reel packing is only
available with “S” and “J” type terminations.
Materials
COVER: Stainless steel
BASE: LCP
ACTUATOR: LCP
CONTACTS: Phosphor bronze, gold plated
SPRING & GUIDE PLATE: Stainless steel
TERMINALS: Brass, gold plated
O-RING: Silicon
8 Nov 21


Similar Part No. - RTF-16-R3-CR

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
RTF-100-S4B-2.0-WC042 LABFACILITY-RTF-100-S4B-2.0-WC042 Datasheet
575Kb / 2P
Platinum Silicone Patch Sensors (Pt100 & Pt1000 Ohm)
RTF-100-S4B-3.0-WC042 LABFACILITY-RTF-100-S4B-3.0-WC042 Datasheet
575Kb / 2P
Platinum Silicone Patch Sensors (Pt100 & Pt1000 Ohm)
RTF-1000-S2B-1.0-C8 LABFACILITY-RTF-1000-S2B-1.0-C8 Datasheet
575Kb / 2P
Platinum Silicone Patch Sensors (Pt100 & Pt1000 Ohm)
More results

Similar Description - RTF-16-R3-CR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6R OMRON-A6R Datasheet
231Kb / 4P
Low-cost Rotary DIP Switches
logo
ITT Industries
RTE ITT-RTE Datasheet
427Kb / 8P
Low Profile Rotary DIP Switches
logo
C&K Components
RTE CK-COMPONENTS-RTE Datasheet
382Kb / 7P
Low Profile Rotary DIP Switches
logo
FCI connector
10045588 FCI-CONNECTOR-10045588 Datasheet
124Kb / 2P
7.2mm R/A GUIDE BALDE
10045367-101LF FCI-CONNECTOR-10045367-101LF Datasheet
123Kb / 2P
7.2MM R/A GUIDE SOCKET
logo
ITT Industries
RTE1000G13 ITT-RTE1000G13 Datasheet
428Kb / 8P
Low Profile Rotary DIP Switches
logo
FCI connector
10037909-101LF FCI-CONNECTOR-10037909-101LF Datasheet
123Kb / 2P
7.2mm GUIDE MODULE, RIGHT ANGLE
logo
C&K Components
RTE CK-COMPONENTS-RTE_V01 Datasheet
809Kb / 6P
Low Profile Rotary DIP Switches
2021
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
Low Profile Rotary DIP Switches
RTE CK-COMPONENTS-RTE_V02 Datasheet
834Kb / 6P
Low Profile Rotary DIP Switches
15 Sep 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com