Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJS6830 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJS6830
Description  20V Dual N-Channel Enhancement Mode MOSFET – ESD Protected
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJS6830 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJS6830 Datasheet HTML 1Page - Pan Jit International Inc. PJS6830 Datasheet HTML 2Page - Pan Jit International Inc. PJS6830 Datasheet HTML 3Page - Pan Jit International Inc. PJS6830 Datasheet HTML 4Page - Pan Jit International Inc. PJS6830 Datasheet HTML 5Page - Pan Jit International Inc. PJS6830 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PJS6830
January 20,2022
PJS6830-REV.01
Page 1
20V Dual N-Channel Enhancement Mode MOSFET
– ESD Protected
Voltage
20 V
Current
2 A
SOT-23 6L
Unit: inch(mm)
Features
 RDS(ON) , VGS@4.5V, ID@2.0A<150m
Ω
 RDS(ON) , VGS@2.5V, ID@1.5A<215m
Ω
 RDS(ON) , VGS@1.8V, ID@0.5A<400m
Ω
 Advanced Trench Process Technology
 Specially Designed for Switch Load, PWM Application, etc.
 ESD Protected 2KV HBM
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard
Mechanical Data
 Case: SOT-23 6L Package
 Terminals: Solderable per MIL-STD-750, Method 2026
 Approx. Weight: 0.0005 ounces, 0.0141 grams
PARAMETER
SYMBOL
LIMIT
UNITS
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
+8
V
Continuous Drain Current
ID
2
A
Pulsed Drain Current(Note 4)
IDM
8
A
Power Dissipation
Ta=25oC
PD
1.25
W
Derate above 25oC
10
mW/ oC
Operating Junction and Storage Temperature Range
TJ,TSTG
-55~150
oC
Typical Thermal Resistance
-
Junction to Ambient(Note 3)
RθJA
100
oC/W
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)


Similar Part No. - PJS6830

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6832 PANJIT-PJS6832 Datasheet
308Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJS6832 PANJIT-PJS6832 Datasheet
397Kb / 6P
30V N-Channel Enhancement Mode MOSFET – ESD Protected
January 20,2022
PJS6832_S1_00001 PANJIT-PJS6832_S1_00001 Datasheet
397Kb / 6P
30V N-Channel Enhancement Mode MOSFET – ESD Protected
January 20,2022
PJS6832_S2_00001 PANJIT-PJS6832_S2_00001 Datasheet
397Kb / 6P
30V N-Channel Enhancement Mode MOSFET – ESD Protected
January 20,2022
PJS6832 PANJIT-PJS6832_V01 Datasheet
397Kb / 6P
30V N-Channel Enhancement Mode MOSFET – ESD Protected
January 20,2022
More results

Similar Description - PJS6830

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE8406 PANJIT-PJE8406 Datasheet
301Kb / 6P
20V N-Channel Enhancement Mode MOSFET . ESD Protected
PJX8806 PANJIT-PJX8806 Datasheet
328Kb / 6P
20V N-Channel Enhancement Mode MOSFET . ESD Protected
PJC7404 PANJIT-PJC7404 Datasheet
358Kb / 6P
20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJT7800 PANJIT-PJT7800 Datasheet
300Kb / 6P
20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJE8402 PANJIT-PJE8402 Datasheet
341Kb / 6P
20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJT7800 PANJIT-PJT7800_15 Datasheet
357Kb / 6P
20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJT7802 PANJIT-PJT7802 Datasheet
201Kb / 6P
20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3420E PANJIT-PJA3420E Datasheet
306Kb / 6P
20V N-Channel Enhancement Mode MOSFET– ESD Protected
July 15,2022
PJA3430-AU PANJIT-PJA3430-AU Datasheet
659Kb / 6P
20V N-Channel Enhancement Mode MOSFET – ESD Protected
June 1,2021 PJA3430-AU-REV.00
PJE8402-AU PANJIT-PJE8402-AU Datasheet
502Kb / 6P
20V N-Channel Enhancement Mode MOSFET – ESD Protected
August 31,2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com