Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM-8720WQ-R0A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ROM-8720WQ-R0A1E
Description  NXP Arm® Cortex®-A72 LS1046A COM Express Type 7 Compact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-8720WQ-R0A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ROM-8720WQ-R0A1E Datasheet HTML 1Page - Advantech Co., Ltd. ROM-8720WQ-R0A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
ROM-8720
Ordering Information
Part No.
CPU
Memory
Flash
Memory
UART
LAN
USB
3.0
USB
2.0
SO-
DIMM
PCIe
SD
SATA
I2C
SPI
Size
Power
input
Operating
Temperature
ROM-8720WQ-R0A1E
LS1046A
SO-DIMM
16 GB
2
10 Gbps-KR x2
& up to GbE x4
3
3
4GB
3
Gen3.0
1
-
1
1
95 x 95 mm
12V
-20 ~ 70 °C
ROM-8720WQ-R1A1E
LS1046A
SO-DIMM
16 GB
2
10Gbps-KR x2
& up to GbE x4
3
3
4GB
3
Gen2.0
1
1
1
1
95 x 95 mm
12V
-20 ~ 70 °C
Development Board
Part No.
Description
SOM-DB5920-00A1
Development board for COM Express Type7 Module series
Optional Accessories
Part No.
Description
193B021490
Screw for Heat Spreader and Semi Heat Sink
96PSA-A36W12R1-3
ADAPTER 100-240V 36W 12V 3A
1700001524
Power Cord 3P UL 10A 125V 180cm
170203183C
Power Cord 3P Europe (WS-010+WS-083) 183cm
170203180A
Power Cord 3P UK 2.5A/3A 250V 1.83M
1700008921
Power Cord 3P PSE 183cm
EWM-W168H01E
RTL8822BE-CG 802.11 a/b/g/n/ac WIFI & Bluetooth 4.2
mini-PCIe
1750008717-01
Dipole Ant. D.B 2.4/5G WIFI 3dBi SMA/M-R BLK
1750008800-01
Cable Ant.SMA/F-R-BH MFH4/113 BLK L100
EWM-C117FL06E*
LTE 4G,3G WCDMA/DC-HSPA+, 2G module, MPCI-L280H
1750007990-01
Antenna 4G/LTE full band L=11 cm 50 Ohm
1750006009
Antenna Cable SMA (F) to MHF 1.32 25cm
SQR-SD4M4G2K6SNEFB
260pin SODIMM DDR4 2666 4GB 1.2v 512x8 (-20-85 °C)
SQR-SD4M8G2K6SNBCB
260pin SODIMM DDR4 2666 8GB 1.2v 1Gx8 (-20-85 °C)
SQR-SD4I4G2K6SEEFB
260pin SODIMM ECC DDR4 2666 4GB 1.2v 512x8
(-40-85 °C)
SQR-SD4I8G2K6SEBCB
260pin SODIMM ECC DDR4 2666 8GB 1.2v 1Gx8
(-40-85 °C)
1970005494T001
HD R2 NXP.-LS1046A 24W 95x95x11mm SC Mobile
1970004870T011
CL R3 NXP.-LS1046A 24W 95x95x33.2mm SC Mobile
*Please contact us for suggesting suitable cellular module for your region.
1 DDR4 SO-DIMM, 2133 MT/S (max. 16GB)
Supports ECC/Non-ECC
NXP LS 1046A
4 A72 1.6GHz
3 USB 2.0
3 USB 3.0
2 10GBase-KR
3 PCIe 1x Gen3 /Gen2
SerDes 2
3 PCIe 1x Gen3 /Gen2
1 SPI / Shared with Micro SD
1 12C
8 GPIO
2 wires UART
SerDes 2
SerDes 1
2 GbE
SerDes 1
SGMII x2
eMMC/Micro SD
PHY
2 GbE
RGMI1 x2
PHY
SFP
(Security Fuse Processor)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com