Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM-8720WQ-R0A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ROM-8720WQ-R0A1E
Description  NXP Arm® Cortex®-A72 LS1046A COM Express Type 7 Compact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-8720WQ-R0A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ROM-8720WQ-R0A1E Datasheet HTML 1Page - Advantech Co., Ltd. ROM-8720WQ-R0A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RISC Computing Platforms
Features
NXP Arm® Cortex®-A72 LS1046A COM
Express Type 7 Compact
ROM-8720
ƒ
NXP LS1046A, 4 x Cortex A72 1.6GHz
ƒ
Onboard Micro SD slot and eMMC 16GB
ƒ
1 SO-DIMM supports ECC and Non-ECC DDR4
ƒ
10GBase-KR x2, GbE up to 4, PCIe 1x x3, USB 3.2 Gen1 x3, USB 2.0.x3, SATA
V3.0 x1
ƒ
4 wires UART x2, SPI x1, GPIO x8, I2C
ƒ
DPAA (Data Path Architecture Accelerations) SDK
ƒ
Low power consumption desgin
ƒ
Supports Linux BSP
Introduction
Advantech ROM-8720 COM Express Type 7 Compact Computer-on-Module is powered by NXP LS1046A SoC which includes four Arm Cortex-A72 cores for Edge networking and
Edge firewall, two 10Gbsp-KR and up to four Gbps for the networking communications. Three PCIe, three USB 3.2 Gen1 and three USB2.0 for the embedded interface expansions.
two UART, one SPI and 8 GPIO for embedded device controls.
ROM-8720 is paired with Advantech SOM-DB5920 Evaluation Carrier Board for faster end product peripheral integration and time-to-market. The reference schematics and layout
checklists documentations for carrier board development will be provided along with Linux BSP with DPAA (Data Path Architecture Acceleration) SDK for Queue / Buffer / Frame
Manager and SEC encryption, test utilities, hardware design utilities and reference drivers.
Specifications
Form Factor
COM Express Type 7 Compact
Processor System
CPU
NXP Arm® Cortex®-v8 A72 LS1046A quad 1.6GHz
Memory
Technology
LPDDR4 2133 MT/s
Capacity
1 SO-DIMM supports ECC and Non-ECC, up to 16GB
Flash
16 GB eMMC/Micro SD socket for O.S. and 32 MB QSPI NOR Flash for board information
Graphics
LVDS/MIPI DSI
-
HDMI
-
Parallel RGB
-
VGA
-
Graphics Engine
-
H/W Video Codec
-
Ethernet
Chipset
NXP LS1046A integrated XFI, RGMII, SGMII
Speed
Up to 10Gbps
RTC
RTC
Yes
WatchDog Timer
256 Level timer interval, from 0.5~128 secs
Security
SFP (Security Fuse Processor)
I/O
PCIe
1x Gen3.0 x3 / 1x Gen 2.0 x3
SATA
SATA V3.0 x1 (only ROM-8720WQ-RA1E supports)
USB
USB 3.2 Gen1 x3, USB 2.0 x3
Audio
-
SPDIF
-
SDIO
-
Serial Port
2-wire UART x2
SPI
1 (shared w/ Micro SD)
CAN
-
GPIO
8
I2C
1
Camera Input
-
System Bus
-
Touch
-
Keypad
-
Power
Power Supply Voltage
12V
Power Consumption
12.71 Watt
Environment
Operating Temperature
-20 ~ 70 °C
Operating Humidity
5 ~ 95% relative humidity, non-condensing
Mechanical
Dimensions (W x D)
95 x 95 mm
Operation System
Certifications
CE/FCC Class B
RoHS
COMPLIANT
2002/95/EC
Preliminary
All product specifications are subject to change without notice.
Last updated: 4-Aug-2022


Similar Part No. - ROM-8720WQ-R0A1E

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
ROM-0505S RECOM-ROM-0505S Datasheet
97Kb / 3P
1 Watt SIP4 Micro Size Single Output
ROM-0505S RECOM-ROM-0505S Datasheet
91Kb / 3P
1 Watt SIP4 Micro Size Single Output
ROM-0505SP RECOM-ROM-0505SP Datasheet
91Kb / 3P
1 Watt SIP4 Micro Size Single Output
ROM-0509S RECOM-ROM-0509S Datasheet
97Kb / 3P
1 Watt SIP4 Micro Size Single Output
ROM-0509S RECOM-ROM-0509S Datasheet
91Kb / 3P
1 Watt SIP4 Micro Size Single Output
More results

Similar Description - ROM-8720WQ-R0A1E

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
logo
Advantech Co., Ltd.
ROM-1210 ADVANTECH-ROM-1210_V01 Datasheet
721Kb / 2P
NXP ARM® Cortex®-A8 i.MX53 RTX 1.6 Module
10-Mar-2016
ROM-3420 ADVANTECH-ROM-3420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 RTX v2.0 module
16-Jun-2022
ROM-5420 ADVANTECH-ROM-5420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 SMARC v1.1 Module
21-Jun-2022
ROM-7420 ADVANTECH-ROM-7420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Qseven Module
21-Jun-2022
ROM-7720 ADVANTECH-ROM-7720 Datasheet
3Mb / 4P
NXP ARM Cortex-A72 i.MX8 QuadMax Qseven 2.1 Module
7-Jul-2021
RSB-3430 ADVANTECH-RSB-3430 Datasheet
692Kb / 2P
NXP Arm® Cortex®-A9 i.MX6 2.5" SBC
29-Mar-2022
RSB-3720 ADVANTECH-RSB-3720 Datasheet
3Mb / 6P
NXP i.MX8M Plus Cortex®-A53 2.5 SBC with UIO40-Express
1-Aug-2022
RSB-6410 ADVANTECH-RSB-6410 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Dual/Quad Mini-ITX Motherboard
7-Jul-2021
logo
AAEON Technology
COM-ICDB7 AAEON-COM-ICDB7 Datasheet
427Kb / 2P
COM Express Type 7 with Intel® Xeon® D Processors
2023/05/08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com